Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 13 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices ADG714 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Data Sheet
ADG714/ADG715
Rev. E | Page 13 of 21
TYPICAL PERFORMANCE CHARACTERISTICS
VD, VS, DRAIN OR SOURCE VOLTAGE (V)
8
0
1
2
3
4
5
TA = 25°C
VSS = GND
7
6
5
4
3
2
1
0
VDD = 2.7V
VDD = 3.3V
VDD = 4.5V
VDD = 5.5V
Figure 8. On Resistance as a Function of VD (VS), Single Supply
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
–2.7
–2.1
–1.5
–0.9
–0.3
0.3
0.9
1.5
2.1
2.7
8
7
6
5
4
3
2
1
0
VDD = +2.25V
VSS = –2.25V
VDD = +2.50V
VSS = –2.50V
VDD = +2.75V
VSS = –2.75V
TA = 25°C
Figure 9. On Resistance as a Function of VD (VS), Dual Supply
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
0
VDD = 5V
VSS = GND
0
+25°C
5
3
2
1
4
8
7
6
5
4
3
2
1
+85°C
–40°C
Figure 10. On Resistance as a Function of VD (VS) for Different Temperatures,
VDD = 5 V
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
0
VDD = 3V
VSS = GND
0
3.0
2.0
1.5
0.5
1.0
2.5
8
7
6
5
4
3
2
+25°C
+85°C
–40°C
1
Figure 11. On Resistance as a Function of VD (VS) for Different Temperatures,
VDD = 3 V
VD OR VS DRAIN OR SOURCE VOLTAGE (V)
7
6
5
4
3
2
1
0
–2.5
–2.0
2.5
2.0
–1.5
1.5
–1.0
1.0
–0.5
0.5
0
VDD = +2.5V
VSS = –2.5V
8
+25°C
+85°C
–40°C
Figure 12. On Resistance as a Function of VD (VS) for Different Temperatures,
Dual Supply
VD OR VS (V)
0
4
2
1
0
3
5
0.04
0.02
–0.02
–0.04
IS, ID (ON)
ID (OFF)
IS (OFF)
VDD = 5V
VSS = GND
Figure 13. Leakage Currents as a Function of VD (VS)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com