Electronic Components Datasheet Search
  English  ▼

X  

ADG714 Datasheet(PDF) 12 Page - Analog Devices

Part # ADG714
Description  CMOS, Low Voltage Serially Controlled, Octal SPST Switches
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG714 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADG714 Datasheet HTML 8Page - Analog Devices ADG714 Datasheet HTML 9Page - Analog Devices ADG714 Datasheet HTML 10Page - Analog Devices ADG714 Datasheet HTML 11Page - Analog Devices ADG714 Datasheet HTML 12Page - Analog Devices ADG714 Datasheet HTML 13Page - Analog Devices ADG714 Datasheet HTML 14Page - Analog Devices ADG714 Datasheet HTML 15Page - Analog Devices ADG714 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
ADG714/ADG715
Data Sheet
Rev. E | Page 12 of 21
1
2
3
4
5
6
7
8
9
10
20
21
22
23
24
19
18
17
16
15
14
13
12
11
ADG715
(Not to Scale)
TOP VIEW
A0
RESET
A1
VSS
S8
D8
S7
D7
S6
D6
S5
D5
SCL
VDD
SDA
GND
S1
D1
S2
D2
S3
D3
S4
D4
Figure 7. ADG715 Pin Configuration
Table 10. ADG715 Pin Function Descriptions
Pin No.
Mnemonic
Description
1
SCL
Serial Clock Line. This pin is used in conjunction with the SDA line to clock data into the 8-bit input
shift register. Clock rates of up to 400 kbps are accommodated with this 2-wire serial interface.
2
VDD
Positive Analog Supply Voltage.
3
SDA
Serial Data Line. This pin is used in conjunction with the SCL line to clock data into the 8-bit input
shift register during the write cycle and used to read back one byte of data during the read cycle.
SDA is a bidirectional open-drain data line that is pulled to the supply with an external pull-up
resistor.
4
GND
Ground Reference.
5, 7, 9, 11, 14, 16, 18, 20
Sx
Source. These pins may be an input or an output.
6, 8, 10, 12, 13, 15, 17, 19
Dx
Drain. These pins may be an input or an output.
21
VSS
Negative Analog Supply Voltage. For single-supply operation, tie this pin to ground.
22
A1
Address Input. This pin sets the second LSB of the 7-bit slave address.
23
RESET
Active Low Control Input. This pin clears the input register and turns all switches to the off
condition.
24
A0
Address Input. This pin sets the LSB of the 7-bit slave address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com