Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 3 Page - Texas Instruments

  DRV401AMDWPREP Datasheet HTML 1Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 2Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 3Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 4Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 5Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 6Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 7Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
ELECTRICAL CHARACTERISTICS
(1)
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
Boldface limits apply over the specified temperature range: TJ = –55°C to +125°C.
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, and zero output current ICOMP, unless otherwise noted.
DRV401
PARAMETER
CONDITIONS
UNITS
MIN
TYP
MAX
RL = 10 kΩ to 2.5 V,
DIFFERENTIAL AMPLIFIER
VREFIN = 2.5 V
OFFSET VOLTAGE
VOS
Offset voltage, RTO(2)(3)
Gain 4 V/V
±0.01
±0.1
mV
dVOS/dT
Drift, RTO (3)
±0.1
µV/°C
VOS
Offset voltage, RTO(2)(3)
Gain 4 V/V
±0.17
mV
CMRR
vs common-mode, RTO
–1 V to +6 V, VREF = 2.5 V
±50
±280
µV/V
PSRR
vs power-supply, RTO
VREF not included
±4
±50
µV/V
SIGNAL INPUT
Common-mode voltage range
–1
(VDD) + 1
V
SIGNAL OUTPUT
Signal over-range indication
VIN = 1 V step
(3) (4)
2.5 to 3.5
µs
(OVER-RANGE), Delay (3)
Voltage output swing from negative rail(3),
I = +2.5 mA, CMP trip level
+48
+85
mV
OVER-RANGE trip level
Voltage putput swing from positive rail(3),
I = –2.5 mA, CMP trip level
VDD – 85
VDD – 48
mV
OVER-RANGE trip level
ISC
Short-circuit current(3)
VOUT connected to GND
–18
mA
VOUT connected to VDD
+20
mA
Gain, VOUT/VIN_DIFF
4
V/V
Gain error
±0.02
=0.3
%
Gain error drift
±0.1
ppm/°C
Linearity error
RL = 1 kΩ
10
ppm
(1)
For Electromigration derating curves, please refer to http://focus.ti.com/pdfs/hirel/mltry/EP_Reliability_Information.pdf.
(2)
Parameter value referred to output (RTO).
(3)
See Typical Characteristics curves.
(4)
Total input resistance and comparator threshold current are inversely related. See Figure 2a.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com