Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 5Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 6Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 7Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 10Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1
µs/div
DIFFERENTIAL AMPLIFIER:
T
A = − 50_ C LARGE−SIGNAL STEP RESPONSE
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1
µs/div
DIFFERENTIAL AMPLIFIER:
T
A = +25_ C LARGE−SIGNAL STEP RESPONSE
3.8
3.6
3.4
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1
µs/div
DIFFERENTIAL AMPLIFIER:
T
A = +150_ C LARGE−SIGNAL STEP RESPONSE
3.5
3.4
3.3
3.2
3.1
3.0
2.9
2.8
2.7
2.6
2.5
−25
−50
0
25
50
75
100
125
150
DIFFERENTIAL AMPLIFIER:
OVER−RANGE DELAY vs TEMPERATURE
Temperature (
_C)
At 5.0V
V
IN Step 0V to ±1V
Positive Over−Range
Negative Over−Range
7.5
7.4
7.3
7.2
7.1
7.0
6.9
6.8
6.7
6.6
6.5
−25
−50
0
25
50
75
100
125
150
DIFFERENTIAL AMPLIFIER:
POSITIVE SLEW RATE vs TEMPERATURE
Temperature (
_C)
At 5.0V
−6.5
−6.6
−6.7
−6.8
−6.9
−7.0
−7.1
−7.2
−7.3
−7.4
−7.5
−25
−50
0
25
50
75
100
125
150
DIFFERENTIAL AMPLIFIER:
NEGATIVE SLEW RATE vs TEMPERATURE
Temperature (
_C)
At 5.0V
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, unless otherwise noted.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com