Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 24 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 23Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 24Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 25Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 26Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 27Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 33 page
background image
BASIC CONNECTION EXAMPLE
Integrator
H−Bridge
Driver
CCdiag
Amp
V = 4
Logic: Timing, Error Detection, and Demagnetize
Power Valid
Bandgap
Reference
V
DD2
GND2
V
DD1
GND1
DRV401
V
OUT
REF
IN
OVER−RANGE
REF
OUT
Probe Coil
Driver and
Comparator
R
7
R
3
R
4
ERROR
+5V
DEMAG
+5V
C
2
C
3
C
4
IS1
IS2
PWM
PWM
V
SW
(PWM is in
phase with IS1.)
GAIN
+5V
I
COMP1
I
COMP2
IA
IN2
IA
IN1
R
1
R
2
+5V
+5V
D
1
D
2
R
6
2.5V
V
SW
Oscillator Reset
10MHz
C
4
+5V
IS2
S2
S1
I
COMP
I
P
Probe Coil
K
2
K
1
Compensation Coil
Primary Winding
Current Sensor Module
Main Core
Probe
Core
R
5
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
The circuit shown in Figure 8 offers an axample of a fully-connected current sensor system.
Figure 8. Basic Connection Circuit
24
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com