Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 15 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
a) Simplified probe interface circuit.
The probe is connected between S1 and S2.
b) Without an external magnetic field, the hysteresis curve is
symmetrical and the probe loop generates 50% duty cycle.
c) An external magnetic flux (H) generated from the primary current
(IPRIM) shifts the hysteresis curve of the magnetic field probe in the
H-axis and the probe loop generates a nonsymmetrical duty cycle.
B
H
500ns/div
V (IS1)
V (PWM)/10
B
H
500ns/div
V (IS1)
V (PWM)/10
55
Ω
IS2
IS1
Probe
V
DD1
PWM
CMP
18
Ω
V
REF = 0.5V
NOTE: MOS components function as switches only.
55
Ω
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
Figure 2. Magnetic Probe, Hysteresis, and Duty Cycle
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com