Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 10Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
OSCILLATOR PRODUCTION DISTRIBUTION
Minimum Probe Loop Half−Cycle (ns)
VOLTAGE REFERENCE POWER−SUPPLY REJECTION
PRODUCTION DISTRIBUTION
PSR (
µV/V)
310
305
300
295
290
285
280
275
270
265
260
255
250
−25
−50
0
25
50
75
100
125
150
OSCILLATOR vs TEMPERATURE
Temperature (
_C)
310
305
300
295
290
285
280
275
270
265
260
255
250
4.6
5.2
5.8
4.3
4.9
5.5
6.0
OSCILLATOR vs SUPPLY VOLTAGE
V
DD (V)
4.20
4.15
4.10
4.05
4.00
3.95
3.90
3.85
3.80
−25
−50
0
25
50
75
100
125
150
BROWN−OUT VOLTAGE vs TEMPERATURE
Temperature (
_C)
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, unless otherwise noted.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com