Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 11 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 7Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 10Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
90
85
80
75
70
65
60
55
50
45
−25
−50
0
25
50
75
100
125
150
PROBE DRIVER:
INTERNAL RESISTOR vs TEMPERATURE
Temperature (
_C)
Driver L
Driver H
0.10
0.08
0.06
0.04
0.02
0
−25
−50
0
25
50
75
100
125
150
OUTPUT IMPEDANCE MISMATCH OF IS1 AND IS2
vs TEMPERATURE
Temperature (
_C)
2.5010
2.5008
2.5006
2.5004
2.5002
2.5000
2.4998
2.4996
2.4994
2.4992
2.4990
−4
−6
−2
0
2
4
6
VOLTAGE REFERENCE vs LOAD CURRENT
I
LOAD (mA)
VOLTAGE REFERENCE PRODUCTION DISTRIBUTION
V
REF (V)
2.525
2.520
2.515
2.510
2.505
2.500
2.495
2.490
2.485
2.480
2.475
−25
−50
0
25
50
75
100
125
150
VOLTAGE REFERENCE vs TEMPERATURE
Temperature (
_C)
VOLTAGE REFERENCE DRIFT
PRODUCTION DISTRIBUTION
Voltage Reference Drift (ppm/
_C)
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, unless otherwise noted.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com