Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 16 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
PWM PROCESSING
50
µs/div
1
3
4
2
Sensor: 4 x 100
R
SH = 10Ω
Step Response
2kHz In
V(Gain) = Low
Channel 1: 2V/div
Channels 2−4: 500mV/div
V(1
Ω× I
PRIM/10)
I
COMP1
I
COMP2
V
OUT
A current pulse of 0A to 18A (Ch 1) generates the two ICOMP signals (Ch 3 and Ch 4). Ch 2 shows the resulting output signal,
VOUT. This test uses the M4645-X030 sensor, no bandwidth limitation, but a 20-sample average.
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
The transition from normal operation to overload happens relatively slowly, because the inherent sensor
transformer characteristics induce the initial primary current step, as shown in Figure 3. As the
transformer-induced secondary current starts to decay, the compensation feedback driver increases its output
voltage to maintain the sensor core flux compensation at zero.
When the system compensation loop reaches its driving limit, the rising magnetic flux causes one of the probe
PWM half-periods to become shorter. The minimum half-period of the probe oscillation is limited by the internal
timing to 280 ns, based on the properties of the VAC magnetic sensors. After three consecutive cycles of the
same half-period being shorter than 280 ns, the DRV401 goes into overload-latch mode. The device stores the
ICOMP driver output signal polarity and continues producing the skewed-duty cycle PWM signal. This action
prevents the loss of compensation signal polarity information during very strong overloads. In this case, both
PWM half-periods are short and approximately equal, because the field probe stays completely in one of the
saturated regions.
The overload-latch condition is removed after the primary current goes low enough for the ICOMP driver to
compensate, and both half-periods of the probe driver oscillation become longer than 280ns (the field probe
comes out of the saturated region).
Peak voltages and currents can be generated during normal operations as well as overload conditions.
Therefore, both probe connection pins are internally protected against coupled energy from the magnetic core.
Wiring between probe and IC inputs should be short and guarded against interference; see Layout
Considerations.For reliable operation, error detection circuits monitor the probe operation:
1. If the probe driver comparator (CMP) output stays low longer than 32
µs, the ERROR flag asserts active, and
the compensation current (ICOMP) is set to zero.
2. If the probe driver period is less than 275 ns on three consecutive pulses, the ERROR flag asserts active.
See the Error Conditions section for more details.
The outputs PWM and PWM represent the probe output signal as a differential PWM signal. It can drive external
circuitry or be used for synchronous ripple reduction. The PWM signal from the probe excitation and sense stage
is
internally
connected
to
a
high-performance,
switched-capacitor
integrator
followed
by
an
integrating-differentiating filter. This filter converts the PWM signal into a filtered delta signal and prepares it for
driving the analog compensation coil driver. The gain roll-off frequency of the filter stage is set to provide high dc
gain and loop stability. If additional gain is added from external circuitry, the internal gain can be reduced by
8 dB, asserting the GAIN pin high (see the External Compensation Coil Driver section).
Figure 3. Primary Current Step Response
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com