Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 1 Page - Texas Instruments

  DRV401AMDWPREP Datasheet HTML 1Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 2Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 3Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 4Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 5Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 6Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 7Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
APPLICATIONS
DESCRIPTION/ORDERING INFORMATION
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
SENSOR SIGNAL CONDITIONING IC FOR
CLOSED-LOOP MAGNETIC CURRENT SENSOR
AND MEDICAL APPLICATIONS
23
• Designed For Sensors From
• Controlled Baseline
VACUUMSCHMELZE (VAC)
• One Assembly/Test Site
• Single Supply: 5 V
• One Fabrication Site
• Power Output: H-Bridge
• Available in Military (–55°C/125°C)
• Designed For Driving Inductive Loads
Temperature Range(1)
• Excellent DC Precision
• Extended Product Life Cycle
• Wide System Bandwidth
• Extended Product-Change Notification
• High-Resolution, Low-Temperature Drift
• Product Traceability
• Built-In Degauss System
• Extensive Fault Detection
• External High-Power Driver Option
• Generator/Alternator Monitoring and Control
• Frequency and Voltage Inverters
• Motor Drive Controllers
• System Power Consumption
• Photovoltaic Systems
(1)
Custom temperature ranges available
The DRV401 is designed to control and process signals from specific magnetic current sensors made by
VACUUMSCHMELZE GmbH & Co. KG (VAC). A variety of current ranges and mechanical configurations are
available. Combined with a VAC sensor, the DRV401 monitors both ac and dc currents to high accuracy.
Provided functions include: probe excitation, signal conditioning of the probe signal, signal loop amplifier, an
H-bridge driver for the compensation coil, and an analog signal output stage that provides an output voltage
proportional to the primary current. It offers overload and fault detection, as well as transient noise suppression.
The DRV401 can directly drive the compensation coil or connect to external power drivers. Therefore, the
DRV401 combines with sensors to measure small to very large currents.
To maintain the highest accuracy, the DRV401 can demagnetize (degauss) the sensor at power-up and on
demand.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV401AMDWPREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV401AMDWPREP TI-DRV401AMDWPREP Datasheet
860Kb / 33P
SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
More results

Similar Description - DRV401AMDWPREP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DRV401 BURR-BROWN-DRV401 Datasheet
526Kb / 28P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
logo
Texas Instruments
DRV401-EP TI-DRV401-EP_09 Datasheet
860Kb / 33P
SENSOR SIGNAL CONDITIONING IC FOR SENSOR SIGNAL CONDITIONING IC FOR
DRV411 TI-DRV411 Datasheet
1Mb / 33P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV411AIPWP TI1-DRV411AIPWP Datasheet
1Mb / 34P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV401 TI-DRV401_15 Datasheet
1Mb / 36P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
DRV411 TI-DRV411_15 Datasheet
1Mb / 34P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensors
DRV421 TI-DRV421_15 Datasheet
1Mb / 44P
DRV421 Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV421 TI1-DRV421_16 Datasheet
1Mb / 44P
Integrated Magnetic Fluxgate Sensor for Closed-Loop Current Sensing
DRV401-Q1 TI1-DRV401-Q1 Datasheet
812Kb / 39P
DRV401-Q1 Sensor Signal Conditioning Device for Closed-Loop Magnetic Current Sensor
DRV401 TI1-DRV401_17 Datasheet
1Mb / 36P
Sensor Signal Conditioning IC for Closed-Loop Magnetic Current Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com