Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
a) Internal difference amplifier with an example of a decoupling filter.
10
µs/div
b) VOUT of Figure 5a with R5 = 20Ω and CD = 100nF.
10
µs/div
c) VOUT of Figure 5a with R5 = 50Ω and CD = 10nF.
R
2
40k
Ω
R
1
10k
Ω
R
4
40k
Ω
R
3
10k
Ω
R
5
Dummy
Shunt
Differential
Amplifier
R
F
50
Ω
Decoupling, Low−Pass Filter
REF
IN
Compensated
REF
IN
ADC
V
OUT
C
F
10nF
R
SHUNT
I
COMP2
K2
DRV401 Differential Amplifier Section
NOTE: R
5 is a dummy shunt resistor equal to 4x RSHUNT to compensate for RSHUNT and provide best CMR.
OVER-RANGE COMPARATOR
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
Figure 5. Internal Difference Amplifier With Example of a Decoupling Filter
High peak current can overload the differential amplifier connected to the shunt. The OVER-RANGE pin, an
open-drain output, indicates an over-voltage condition for the differential amplifier by pulling low. The output of
this flag is suppressed for 3
µs, preventing unwanted triggering from transients and noise. This pin returns to
high as soon as the overload condition is removed (external pull-up required to return the pin high).
This ERROR flag not only provides a warning about a signal clipping condition, but is also a window comparator
output for actively shutting off circuits in the system. The value of the shunt resistor defines the operating window
for the current. It sets the ratio between the nominal signal and the trip level of the Over-Range flag. The trip
current of this window comparator is calculated using the following example:
With a 5 V supply, the output voltage swing is approximately ±2.45 V (load and supply
voltage-dependent).
The gain of 4 V/V allows an input swing of ±0.6125 V.
Thus, the clipping current is IMAX = 0.6125 V/RSHUNT.
See the differential amplifier curve of the Typical Characteristics, Output Voltage vs Output Current.
The over-range condition is internally detected as soon as the amplifier exceeds its linear operating range, not
just a set voltage level. Therefore, the error or the over-range comparator level is reliably indicated in fault
conditions such as output shorts, low load or low supply conditions. As soon as the output cannot drive the
voltage higher, the flag is activated. This configuration is a safety improvement over a voltage level comparator.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com