Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 13 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 10Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
APPLICATION INFORMATION
FUNCTIONAL PRINCIPLE OF CLOSED-LOOP CURRENT SENSORS WITH MAGNETIC PROBE
Integrator
Filter
Probe
Interface
H−Bridge
Driver
V
OUT
REF
IN
I
COMP2
R
S
I
COMP1
Compensation
Diff
Amp
Timing, Error Detection,
and Power Control
Degauss
V
REF
V
REF
GND
+5V
IS1
IS2
DRV401
I
P
Compensation Winding
Magnetic Core
Primary Winding
Field Probe
FUNCTIONAL DESCRIPTION
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
USING THE DRV401
Closed-loop current sensors measure current over wide frequency ranges, including dc. These types of devices
offer a contact-free method as well as excellent galvanic isolation performance combined with high resolution,
accuracy, and reliability.
At dc and in low-frequency ranges, the magnetic field induced from the current in the primary winding is
compensated by a current flowing through a compensation winding. A magnetic field probe, located in the
magnetic core loop, detects the magnetic flux. This probe delivers the signal to the amplifier that drives the
current through the compensation coil, bringing the magnetic flux back to zero. This compensation current is
proportional to the primary current, relative to the winding ratio.
In higher frequency ranges, the compensation winding acts as the secondary winding in the current transformer,
while the H-bridge compensation driver is rolled off and provides low output impedance.
A difference amplifier senses the voltage across a small shunt resistor that is connected to the compensation
loop. This difference amplifier generates the output voltage that is referenced to REFIN and is proportional to the
primary current. Figure 1 shows the DRV401 used as a compensation current sensor.
Figure 1. Principle of Compensation Current Sensor With the DRV401
The DRV401 operates from a single +5 V supply. It is a complete sensor signal conditioning circuit that directly
connects to the current sensor, providing all necessary functions for the sensor operation. The DRV401 provides
magnetic field probe excitation, signal conditioning, and compensation coil driver amplification. In addition, it
detects error conditions and handles overload situations. A precise differential amplifier allows translation of the
compensation current into an output voltage using a small shunt resistor. A buffered voltage reference can be
used for comparator, analog-to-digital converter (ADC), or bipolar zero reference voltages.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com