Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 3Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 4Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 5Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 6Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 7Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 10Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
TYPICAL CHARACTERISTICS
0.04
0.03
0.02
0.01
0
−0.01
−0.02
−0.03
−0.04
4.3
4.1
4.5
4.7
4.9
5.1
5.3
5.5
5.7
5.9
6.1
DRV401 AND SENSOR:
OFFSET vs SUPPLY VOLTAGE
V
DD (V)
M4645−X211
M4645−X211
M4645−X080
100
10
0.1
0.1
1
10
100
1k
10k
100k
DRV401 AND SENSOR:
OUTPUT VOLTAGE NOISE DENSITY
(Sensor M4645−X080, R
SHUNT = 10Ω, Mode = Low)
Frequency (Hz)
60Hz Line Frequency and Multiples
(measured in a 60Hz environment)
Divided Field
Probe Frequency
1.20
1.15
1.10
1.05
1.00
0.95
0.90
0.85
0.80
10
100
1k
10k
100k
1M
GAIN FLATNESS vs FREQUENCY
(Measurements by Vacuumschmelze GmbH)
Frequency (Hz)
DRV401 with M4645−X600 Sensor
DRV401 with M4645−X211 Sensor
DRV401 with M4645−X080 Sensor
DRV401 AND SENSOR: ABSOLUTE ERROR
(Soldered DWP−20 with 1 Square−Inch Copper Pad)
(Measurements by Vacuumschmelza GmbH)
0
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
300
200
100
−300
−200
−100
Primary Current (A)
T
C (RSHUNT) ±25ppm/_ C.
T =
−50_C
T = +25
_C
T = +85
_C
T = +125
_C
20
60
100
0
I
PRIM
40
80
120
140
160
180
200
3A I
COMP OVERLOAD RECOVERY
(Measurements by Vacuumschmelze GmbH)
Time (
µs)
I
PRIM
Over−Range
ERROR
ERROR
V
OUT
Over−Range
V
OUT
NOTE: I
PRIM = 3000A corresponds to ICOMP = 3A.
DIFFERENTIAL AMPLIFIER:
VOLTAGE OFFSET PRODUCTION DISTRIBUTION
Voltage Offset (
µV)
RTO
DRV401-EP
www.ti.com............................................................................................................................................................................................... SBVS104 – JANUARY 2008
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, unless otherwise noted.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com