Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 20 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 23Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
VOLTAGE REFERENCE
2.5
µs/div
10k
Ω
1nF
±5V
+2.5V
REF
OUT
Test Circuit:
DEMAGNETIZATION
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
NOTE:
The internal resistance of the compensation coil may prevent high compensation
current from flowing because of ICOMP driver overload. Therefore, the differential
amplifier may not overload with this current. However, a fast rate of change of the
primary current would be transmitted through transformer action and safely trigger the
overload flag.
The precision 2.5 V reference circuit offers low drift (typically 10 ppm/K) and is used for internal biasing; it is also
connected to the REFOUT pin. The circuit is intended as the reference point of the output signal to allow a bipolar
signal around it. This output is buffered for low impedance and tolerates sink and source currents of ±5 mA.
Capacitive loads can be directly connected, but generate ringing on fast load transients. A small series resistor of
a few ohms improves the response, especially for a capacitive load in the range of 1
µF. Figure 6 shows the
transient load regulation with 1 nF direct load.
The reference source is part of the integrated circuit and referenced to GND2. Large current pulses driving the
compensation coil can generate a voltage drop in the GND connection that would add on to the reference
voltage. Therefore, a low impedance GND layout is critical to handle the currents and the high bandwidth of this
IC.
Figure 6. Pulse Response Test Circuit and Scope Shot of Reference
Iron cores are not immune to residual (remanence) magnetism. The residual remanence can produce a signal
offset error, especially after strong current overload, which goes along with high magnetic field density.
Therefore, the DRV401 includes a signal generator for a demagnetization cycle. The digital control pin, DEMAG,
starts this cycle on demand after this pin is held high for at least 25.6
µs. Shorter pulses are ignored. The cycle
lasts for approximately 110 ms. During this time, the Error flag is asserted low to indicate that the output is not
valid. When DEMAG is high during power-on, a demagnetization cycle immediately initiates (12
µs) after
power-on (VDD > 4 V). Holding DEMAG low avoids this cycle at power-up (see the Power-On and Brownout
section).
The probe circuit is in normal operation and oscillates during the demagnetization cycle. The outputs PWM and
PWM are active accordingly.
A demagnetization cycle can be aborted by pulling DEMAG low, filtered by 25
µs to ignore glitches (see
Figure 7). In a typical circuit, the DEMAG pin may be connected to the positive supply, which enables a degauss
cycle every time the unit is powered on.
The degauss cycle is based on an internal clock and counter logic. The maximum current is limited by the
resistance of the connected coil in series with the shunt resistor. The DEMAG logic input requires a +5 V
CMOS-compatible signal.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com