Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 10 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 6Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 7Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 8Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 9Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 10Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
50.250
50.125
50.000
49.875
49.750
49.625
−25
−50
0
25
50
75
100
125
150
DIFFERENTIAL AMPLIFIER:
REF
IN RESISTANCE vs TEMPERATURE
Temperature (
_C)
70
60
50
40
30
20
10
0
1k
100
10k
100k
COMPENSATION LOOP:
SMALL−SIGNAL GAIN
Frequency (Hz)
Pin Gain = Low
Pin Gain = High
2000
1500
1000
500
0
−500
−1000
−1500
−2000
−25
−50
0
25
50
75
100
125
150
COMPENSATION LOOP:
DUTY CYCLE ERROR vs TEMPERATURE
Temperature (
_C)
At 400kHz, 5.0V
At 250kHz, 5.0V
COMPENSATION LOOP:
DC GAIN: DUTY CYCLE ERROR CHANGE
Gain (ppm/V)
V
ICOMP1 − VICOMP2 = 4.2V
I
LOAD = 210mA
Gain Pin Low
35.0
32.5
30.0
27.5
25.0
−25
−50
0
25
50
75
100
125
150
PROBE COMPARATOR THRESHOLD
CURRENT vs TEMPERATURE
Temperature (
_C)
I
COMP OUTPUT SWING TO RAIL
vs OUTPUT CURRENT
5.00
4.75
4.50
4.25
4.00
1.00
0.75
0.50
0.25
0
0
50
100
150
200
250
300
Output Current (mA)
−50_C
+25
_C
+125
_C
−50_C
+25
_C
+125
_C
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C and VDD1 = VDD2 = +5 V with external 100 kHz filter BW, unless otherwise noted.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com