Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 26 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 26 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 23Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 24Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 25Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 26Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 27Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 28Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 29Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 33 page
background image
POWER DISSIPATION
THERMAL PAD
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
Using the thermally-enhanced PowerPAD™ SO package dramatically reduces the thermal impedance from
junction to case. This package is constructed using a down-set lead frame upon which the die is mounted, as
shown in Figure 9a and Figure 9b. This arrangement results in the lead frame being exposed as a thermal pad
on the underside of the package. Figure 9 shows the SO-20 package as an example. Because this thermal pad
has direct thermal contact with the die, excellent thermal performance can be achieved by providing a good
thermal path away from the thermal pad.
The two outputs ICOMP1 and ICOMP2 are linear outputs. Therefore, the power dissipation on each output is
proportional to the current multiplied by the internal voltage drop on the active transistor. For ICOMP1 and ICOMP2,
this internal voltage drop is the voltage drop to VDD2 or GND, according to the current-conducting side of the
output.
Output short-circuits are particularly critical for the driver because the full supply voltage can be seen across the
conducting transistor, and the current is not limited by anything other than the current density limitation of the
FET. Permanent damage to the device can occur.
The DRV401 does not include temperature protection or thermal shut-down.
Packages with an exposed thermal pad are specifically designed to provide excellent power dissipation, but
board layout greatly influences overall heat dissipation. Table 1 shows the thermal resistance (TJA) for the two
packages with the exposed thermal pad soldered to a normal PCB, as described in Technical Brief SLMA002,
PowerPAD Thermally-Enhanced Package. Documents are available for download at www.ti.com.
Table 1.
θ
JA/JP Estimations According to EIA/JED51-7
SO–20
θ
JP
(1)
9
θ
JA
(2) Still Air
35
θ
JA with Forced Airflow (150lfm
(3))
32
(1)
θ
JP = junction-to-pad thermal resistance,
(2)
θ
JA = junction-to-ambient thermal resistance,
(3)
lfm = linear foot per minute.
NOTE:
All thermal models have an accuracy 9
≈20%.
Measuring the temperature as close as possible to the exposed thermal pad is recommended. The relatively low
thermal impedance,
θ
JP, of less than 10°C/W (with some additional °C/W to the temperature test point on the
PCB) allows good estimation of the junction temperature in the application.
The thermal pad on the PCB should contain nine or more vias for the SO package, where the solder pad on the
PCB
can
be
larger
than
the
exposed
pad
(for
example,
6.6
mm
×
18 mm) as recommended in the application literature noted previously.
Component population, layout of traces, layers, and air flow strongly influence heat dissipation. Worst-case load
conditions should be tested in the real environment to ensure proper thermal conditions. Minimize thermal stress
for proper long-term operation with a junction temperature well below +125°C.
26
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com