Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 10Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 11Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 12Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 13Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 14Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 15Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 16Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 17Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
MAGNETIC PROBE (SENSOR) INTERFACE
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
Dynamic error correction ensures high dc precision over temperature and long-term accuracy. The DRV401 uses
analog signal conditioning; the internal loop filter and integrator are switched capacitor-based circuits. Therefore,
the DRV401 allows combination with high-precision sensors for exceptional accuracy and resolution. The typical
characteristic curve, DRV401 and Sensor Linearity, shows an example of the linearity and temperature stability
achieved by the device.
A demagnetization cycle can be initiated on demand or on power-up. This cycle reduces offset and restores high
performance after a strong overload condition. An internal clock and counter logic generate the degauss function.
The same clock controls power-up, overload detection and recovery, error, and time-out conditions.
The DRV401 is built on a highly reliable CMOS process. Unique protection cells at critical connections enable the
design to handle inductive energy.
The magnetic field probe consists of an inductor wound on a soft magnetic core. The probe is connected
between pins IS1 and IS2 of the probe driver that applies approximately +5 V (the supply voltage) through
resistors across the probe coil (see Figure 2a).
The probe core reaches saturation at a current of typically 28 mA (see Figure 2a). The comparator is connected
to VREF by approximately 0.5 V. A current comparator detects the saturation and inverts the excitation voltage
polarity, causing the probe circuit to oscillate in a frequency range of 250 kHz to 550 kHz. The oscillating
frequency is a function of the magnetic properties of the probe core and its coil.
The current rise rate is a function of the coil inductance: dI = L × V × dT. However, the inductance of the field
probe is low while its core material is in saturation (the horizontal part of the hysteresis curve) and is high at the
vertical part of the hysteresis curve. The resulting inductance and the series resistance determine the output
voltage and current versus time performance characteristic.
Without external magnetic influence, the duty cycle is exactly 50% because of the inherent symmetry of the
magnetic hysteresis; the probe inductor is driven from –B saturation through the high inductance range to +B
saturation and back again in a time-symmetric manner (see Figure 2b).
If the core material is magnetized in one direction, a long and a short charge time result because the probe
current through the inductors generates a field that either subtracts or adds to the flux in the probe core, either
driving the probe core out of saturation or further into saturation (see Figure 2c). The current into the probe is
limited by the voltage drops across the probe driver resistors.
The DRV401 continuously monitors the logic magnetic flux polarity state. In the case of distortion noise and
excessive overload that could fully saturate the probe, the overload control circuit recovers the probe loop.
During an overload condition, the probe oscillation frequency increases to approximately 1.6 MHz until limited by
the internal timing control.
In an overload condition, the compensation current (ICOMP) driver cannot deliver enough current into the sensor
secondary winding, and the magnetic flux in the sensor main core becomes uncompensated.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com