Electronic Components Datasheet Search
  English  ▼

X  

DRV401AMDWPREP Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # DRV401AMDWPREP
Description  SENSOR SIGNAL CONDITIONING IC FOR CLOSED-LOOP MAGNETIC CURRENT SENSOR
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV401AMDWPREP Datasheet(HTML) 22 Page - Texas Instruments

Back Button DRV401AMDWPREP Datasheet HTML 18Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 19Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 20Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 21Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 22Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 23Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 24Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 25Page - Texas Instruments DRV401AMDWPREP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
a) Demagnetization cycle on power-up. With power-up, the VOUT across the compensation coil centers around half the supply and then
starts the cycle after the 4V threshold is exceeded. The ERROR flag resets to H after the cycle is completed.
d) Abort of demagnetization cycle. The ERROR flag resets to H (as shown) and the output settles back to normal operation.
b) Power-up without demagnetization. The probe oscillation V(IS1)
starts just before ERROR resets — 15
µs after the supply voltage
crosses the 4V threshold.
c) Demagnetization cycle on command.
20ms/div
1
4
2
3
R
SH = 10Ω
V
DD1
V(I
COMP2)
V
OUT
V(ERROR)
106ms
20ms/div
1
4
V
DD1
V(ERROR)
2
V(IS1)
3
V(I
COMP2)
42
µs
Initial setting upon
closing of feedback loop.
20ms/div
1
4
2
3
V(DEMAG)
V(I
COMP2)
V
OUT
V(ERROR)
106ms
R
SH = 10Ω
500
µs/div
1
4
2
3
R
SH = 10Ω
V(DEMAG)
V(I
COMP2)
V
OUT
V(ERROR)
3.4ms
DRV401-EP
SBVS104 – JANUARY 2008............................................................................................................................................................................................... www.ti.com
Figure 7. Demagnetization and Power-On Timing
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): DRV401-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com