Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 123Page - Renesas Technology Corp HD404374FT Datasheet HTML 124Page - Renesas Technology Corp HD404374FT Datasheet HTML 125Page - Renesas Technology Corp HD404374FT Datasheet HTML 126Page - Renesas Technology Corp HD404374FT Datasheet HTML 127Page - Renesas Technology Corp HD404374FT Datasheet HTML 128Page - Renesas Technology Corp HD404374FT Datasheet HTML 129Page - Renesas Technology Corp HD404374FT Datasheet HTML 130Page - Renesas Technology Corp HD404374FT Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 127 of 161
Instruction Set
The MCU Series has 101 instructions, classified into the following 10 groups:
• Immediate instructions
• Register-to-register instructions
• RAM addressing instructions
• RAM register instructions
• Arithmetic instructions
• Compare instructions
• RAM bit manipulation instructions
• ROM addressing instructions
• Input/output instructions
• Control instructions
The functions of these instructions are listed in tables 30 to 39, and an opcode map is shown in table 40.
Table 30
Immediate Instructions
Operation
Mnemonic
Operation Code
Function
Status
Words/
Cycles
Load A from immediate
LAI i
1 0
0 0
1 1 i
3
i
2
i
1
i
0
i
→ A
1/1
Load B from immediate
LBI i
1 0
0 0
0 0 i
3
i
2
i
1
i
0
i
→ B
1/1
Load memory from
immediate
LMID i,d
0 1
1 0
1 0 i
3
i
2
i
1
i
0
d
9
d
8
d
7
d
6
d
5
d
4
d
3
d
2
d
1
d
0
i
→ M
2/2
Load memory from
immediate, increment Y
LMIIY i
1 0
1 0
0 1 i
3
i
2
i
1
i
0
i
→ M, Y + 1 → Y NZ
1/1
Table 31
Register-Register Instructions
Operation
Mnemonic
Operation Code
Function
Status
Words/
Cycles
Load A from B
LAB
0 0
0 1
0 0 1
0
0 0
B
→ A
1/1
Load B from A
LBA
0 0
1 1
0 0 1
0
0 0
A
→ B
1/1
Load A from W
LAW
0 1
0 0
0 0 0
0
0 0
0 0
0 0
0 0 0
0
0 0
W
→ A
2/2*
Load A from Y
LAY
0 0
1 0
1 0 1
1
1 1
Y
→ A
1/1
Load A from SPX
LASPX
0 0
0 1
1 0 1
0
0 0
SPX
→ A
1/1
Load A from SPY
LASPY
0 0
0 1
0 1 1
0
0 0
SPY
→ A
1/1
Load A from MR
LAMR m
1 0
0 1
1 1 m
3 m2 m1 m0
MR (m)
→ A
1/1
Exchange MR and A
XMRA m
1 0
1 1
1 1 m
3 m2 m1 m0
MR (m)
↔ A
1/1
Note: * The assembler automatically provides an operand for the second word of the LAW instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com