Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 149Page - Renesas Technology Corp HD404374FT Datasheet HTML 150Page - Renesas Technology Corp HD404374FT Datasheet HTML 151Page - Renesas Technology Corp HD404374FT Datasheet HTML 152Page - Renesas Technology Corp HD404374FT Datasheet HTML 153Page - Renesas Technology Corp HD404374FT Datasheet HTML 154Page - Renesas Technology Corp HD404374FT Datasheet HTML 155Page - Renesas Technology Corp HD404374FT Datasheet HTML 156Page - Renesas Technology Corp HD404374FT Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 153 of 161
Option List
HD404372, HD404374, HD40A4372, HD40A4374, HD40C4372,
HD40C4374
Please check off the appropriate applications and enter the necessary information.
Date of order
Year
Month
Day
Customer
Department
Name
ROM code name
LSI number (Renesas Technology entry)
1. ROM Size
❑ Standard operation version: HD404372
❑ High-speed operation version: HD40A4372
❑ CR oscillation version: HD40C4372
2 kwords
❑ Standard operation version: HD404374
❑ High-speed operation version: HD40A4374
❑ CR oscillation version: HD40C4374
4 kwords
2. Function Options
* ❑
32 kHz CPU operation, realtime clock time base
* ❑
No 32 kHz CPU operation, realtime clock time base
❑
No 32 kHz CPU operation, no realtime clock time base
Note: * When an asterisked item is selected, "crystal resonator" is necessary for subsystem oscillator (X1
X2).
3. ROM Code Data Organization
For a microcomputer with EPROM mounted (including a ZTAT™ microcomputer), specify the combined
upper/lower type.
❑
•
Combined lower/upper type
Both the lower 5 data bits (L) and the upper 5 data bits (U) are written to a single EPROM in the order LULULU...
❑
•
Separate lower/upper type
The lower 5 data bits (L) and upper 5 data bits (U) are written to separate EPROMs respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com