Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 145Page - Renesas Technology Corp HD404374FT Datasheet HTML 146Page - Renesas Technology Corp HD404374FT Datasheet HTML 147Page - Renesas Technology Corp HD404374FT Datasheet HTML 148Page - Renesas Technology Corp HD404374FT Datasheet HTML 149Page - Renesas Technology Corp HD404374FT Datasheet HTML 150Page - Renesas Technology Corp HD404374FT Datasheet HTML 151Page - Renesas Technology Corp HD404374FT Datasheet HTML 152Page - Renesas Technology Corp HD404374FT Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 149 of 161
Package Code
JEDEC
EIAJ
Weight (reference value)
DP-28S
—
Conforms
1.9 g
Unit: mm
10.16
0.25
0˚ – 15˚
+ 0.11
– 0.05
0.48 ± 0.10
1.78 ± 0.25
27.1
27.9 Max
1.0
28
15
114
2.41 Max
9.0 ± 0.2
7
*
0.22 ± 0.05
0.08
36
25
112
37
48
24
13
0.08
1.0
0˚ – 8˚
0.5 ± 0.1
M
0.75
Package Code
JEDEC
EIAJ
Weight (reference value)
FP-48B
—
—
0.2 g
0.20 ± 0.04
Unit: mm
*Dimension including the plating thickness
Base material dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com