Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 142Page - Renesas Technology Corp HD404374FT Datasheet HTML 143Page - Renesas Technology Corp HD404374FT Datasheet HTML 144Page - Renesas Technology Corp HD404374FT Datasheet HTML 145Page - Renesas Technology Corp HD404374FT Datasheet HTML 146Page - Renesas Technology Corp HD404374FT Datasheet HTML 147Page - Renesas Technology Corp HD404374FT Datasheet HTML 148Page - Renesas Technology Corp HD404374FT Datasheet HTML 149Page - Renesas Technology Corp HD404374FT Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 146 of 161
0.0
1.0
2.0
3.0
4.0
5.0
23456
1
V
CC (V)
fosc=8MHz
fosc=4MHz
fosc=2MHz
fosc=800kHz
fosc=400kHz
0.0
0.5
1.0
1.5
2.0
2.5
23456
1
V
CC (V)
1.0
1.5
2.0
2.5
23456
1
V
CC (V)
0.0
1.0
2.0
3.0
4.0
5.0
10
20
30
40
50
0
Rf (k )
0.0
0.5
1.0
1.5
2.0
2.5
10
20
30
40
50
0
I
OL (mA)
0.0
1.0
2.0
3.0
4.0
5.0
5
10152025
0
-I
OH (mA)
Ta=25˚C fcyc=fosc/4 typ
Ta=25˚C Rf=20k
typ
Ta=25˚C typ
Ta=25˚C typ
Ta=25˚C typ
Ta=25˚C Rf=20k
fcyc=fosc/4 typ
V
CC=5V
V
CC=3.5V
V
CC=4.5V
V
CC=5V
V
CC=5.5V
V
CC=4.5V
V
CC=5V
V
CC=5.5V
V
CC=2V
(a) ICC vs. VCC characteristic (ceramic oscillation, crystal
oscillation)
(b) ICC vs. VCC characteristic (resistance oscillation)
(c) fOSC vs. VCC characteristic (resistance oscillation)
(d) fOSC vs. Rf characteristic (resistance oscillation)
(e) VOL vs. IOL characteristic (pins D4 to D7)
(f) VCC - VOH vs. IOH characteristic (pins D0 to D3)
Figure 84 HD404374, HD404384, and HD404389 Series Characteristic Curves (Reference Values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com