Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 143 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 143 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp HD404374FT Datasheet HTML 141Page - Renesas Technology Corp HD404374FT Datasheet HTML 142Page - Renesas Technology Corp HD404374FT Datasheet HTML 143Page - Renesas Technology Corp HD404374FT Datasheet HTML 144Page - Renesas Technology Corp HD404374FT Datasheet HTML 145Page - Renesas Technology Corp HD404374FT Datasheet HTML 146Page - Renesas Technology Corp HD404374FT Datasheet HTML 147Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 143 of 161
Serial interface timing characteristics DC Characteristics (HD404372, HD40A4372, HD40C4372,
HD404374, HD40A4374, HD40C4374, HD404382, HD40A4382, HD40C4382, HD404384,
HD40A4384, HD40C4384, HD404388, HD40A4388, HD40C4388, HD404389, HD40A4389,
HD40C4389, HD404081, HD40A4081, HD40C4081, HD404082, HD40A4082, HD40C4082,
HD404084, HD40A4084, HD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta = –20°C to +75°C;
HCD404082, HCD40C4082, HCD404084, HCD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta =
+75°C; HD407A4374, HD407C4374, HD407A4384, HD407C4384, HD407A4389, HD407C4389: V
CC =
2.0 V to 5.5 V, GND = 0 V, T
a = –40°C to +85°C, unless otherwise specified)
Item
Symbol
Pins
min.
typ. max.
Unit
Test conditions
Notes
Serial clock cycle time
t
Scyc
SCK
1
—
—
t
cyc
See load in figure 83
1
Serial clock high-level
width
t
SCKH
SCK
0.4
—
—
t
Scyc
See load in figure 83
1
Serial clock low-level
width
t
SCKL
SCK
0.4
—
—
t
Scyc
See load in figure 83
1
Serial clock rise time
t
SC Kr
SCK
—
—
100
ns
See load in figure 83
1
Serial clock fall time
t
SCKf
SCK
—
—
100
ns
See load in figure 83
1
Serial output data
delay time
t
DSO
SO
—
—
300
ns
See load in figure 83
1
Serial input data setup
time
t
SSI
SI
200
—
—
ns
1
Serial input data hold
time
t
HSI
SI
200
—
—
ns
1
During Serial Clock Input
Item
Symbol
Pins
min.
typ. max.
Unit
Test conditions
Notes
Serial clock cycle time
t
Scyc
SCK
1
—
—
t
cyc
1
Serial clock high-level
width
t
SCKH
SCK
0.4
—
—
t
Scyc
1
Serial clock low-level
width
t
SCKL
SCK
0.4
—
—
t
Scyc
1
Serial clock rise time
t
SC Kr
SCK
—
—
100
ns
1
Serial clock fall time
t
SCKf
SCK
—
—
100
ns
1
Serial output data
delay time
t
DSO
SO
—
—
300
ns
See load in figure 83
1
Serial input data setup
time
t
SSI
SI
200
—
—
ns
1
Serial input data hold
time
t
HSI
SI
200
—
—
ns
1
Note:
1. See figure 82.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com