Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 135Page - Renesas Technology Corp HD404374FT Datasheet HTML 136Page - Renesas Technology Corp HD404374FT Datasheet HTML 137Page - Renesas Technology Corp HD404374FT Datasheet HTML 138Page - Renesas Technology Corp HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp HD404374FT Datasheet HTML 141Page - Renesas Technology Corp HD404374FT Datasheet HTML 142Page - Renesas Technology Corp HD404374FT Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 139 of 161
I/O Characteristics for Standard Pins DC Characteristics (HD404372, HD40A4372, HD40C4372,
HD404374, HD40A4374, HD40C4374, HD404382, HD40A4382, HD40C4382, HD404384,
HD40A4384, HD40C4384, HD404388, HD40A4388, HD40C4388, HD404389, HD40A4389,
HD40C4389, HD404081, HD40A4081, HD40C4081, HD404082, HD40A4082, HD40C4082,
HD404084, HD40A4084, HD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta = –20°C to +75°C;
HCD404082, HCD40C4082, HCD404084, HCD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta =
+75°C; HD407A4374, HD407C4374, HD407A4384, HD407C4384, HD407A4389, HD407C4389: V
CC =
2.0 V to 5.5 V, GND = 0 V, T
a = –40°C to +85°C, unless otherwise specified)
Item
Symbol
Pins
min.
typ. max.
Unit
Test conditions
Notes
Input high voltage
V
IH
R port, D
8, D9
0.7V
CC
—
V
CC+0.3
V
Input low voltage
V
IL
R port, D
8, D9
–0.3
—
0.3V
CC
V
Output high voltage
V
OH
R port, D
8, D9
V
CC–0.5
—
—
V
–I
OH=0.3mA
Output low voltage
V
OL
R port, D
8, D9
—
—
0.4
V
I
OL=0.4mA
I/O leakage current
| I
IL |
R port, D
8, D9
—
—
1
µA
V
in=0V to VCC
1
MOS pull-up current
–I
PU
R port, D
8, D9
10
50
150
µA
V
CC=3V, Vin=0V
Note:
1. Excludes output buffer current.
I/O Characteristics for High-Current Pins DC Characteristics (HD404372, HD40A4372, HD40C4372,
HD404374, HD40A4374, HD40C4374, HD404382, HD40A4382, HD40C4382, HD404384,
HD40A4384, HD40C4384, HD404388, HD40A4388, HD40C4388, HD404389, HD40A4389,
HD40C4389, HD404081, HD40A4081, HD40C4081, HD404082, HD40A4082, HD40C4082,
HD404084, HD40A4084, HD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta = –20°C to +75°C;
HCD404082, HCD40C4082, HCD404084, HCD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta =
+75°C; HD407A4374, HD407C4374, HD407A4384, HD407C4384, HD407A4389, HD407C4389: V
CC =
2.0 V to 5.5 V, GND = 0 V, T
a = –40°C to +85°C, unless otherwise specified)
Item
Symbol
Pins
min.
typ. max.
Unit
Test conditions
Notes
Input high voltage
V
IH
D
0 to D7
0.7V
CC
—
V
CC+0.3
V
Input low voltage
V
IL
D
0 to D7
–0.3
—
0.3V
CC
V
D
4 to D7
V
CC–0.5
—
—
V
–I
OH=0.3mA
Output high voltage
V
OH
D
0 to D3
V
CC–2.0
—
—
V
–I
OH=10mA,
V
CC=4.5 to 5.5V
D
0 to D3
—
—
0.4
V
I
OL=0.4mA
Output low voltage
V
OL
D
4 to D7
—
—
2.0
V
I
OL=15mA
V
CC=4.5V to 5.5V
I/O leakage current
| I
IL |
D
0 to D7
—
—
1
µA
V
in =0V to VCC
1
MOS pull-up current
–I
PU
D
0 to D7
10
50
150
µA
V
CC=3V, Vin=0V
Note:
1. Excludes output buffer current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com