Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 137Page - Renesas Technology Corp HD404374FT Datasheet HTML 138Page - Renesas Technology Corp HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp HD404374FT Datasheet HTML 141Page - Renesas Technology Corp HD404374FT Datasheet HTML 142Page - Renesas Technology Corp HD404374FT Datasheet HTML 143Page - Renesas Technology Corp HD404374FT Datasheet HTML 144Page - Renesas Technology Corp HD404374FT Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 141 of 161
AC Characteristics DC Characteristics (HD404372, HD40A4372, HD40C4372, HD404374,
HD40A4374, HD40C4374, HD404382, HD40A4382, HD40C4382, HD404384, HD40A4384,
HD40C4384, HD404388, HD40A4388, HD40C4388, HD404389, HD40A4389, HD40C4389,
HD404081, HD40A4081, HD40C4081, HD404082, HD40A4082, HD40C4082, HD404084,
HD40A4084, HD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta = –20°C to +75°C; HCD404082,
HCD40C4082, HCD404084, HCD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta = +75°C;
HD407A4374, HD407C4374, HD407A4384, HD407C4384, HD407A4389, HD407C4389: V
CC = 2.0 V
to 5.5 V, GND = 0 V, T
a = –40°C to +85°C, unless otherwise specified)
Item
Symbol
Pins
min.
typ.
max.
Unit
Test conditions
Notes
0.4
—
4.5
1
f
OSC
OSC
1, OSC2
0.4
—
8.5
MHz
Division by 4
1, 3
Clock oscillation
frequency
(ceramic oscillator,
crystal oscillator)
f
x
X1,X2
—
32.768 —
kHz
4
0.5
2.0
3.5
2, 13
Clock oscillation
frequency
(Resistance oscillation)
f
OSC
OSC
1, OSC2
0.5
2.2
3.5
MHz
Division by 4
Rf=20 k
Ω
2, 12
0.89
—
10
t
cyc
0.47
—
10
µs
Division by 4
3
—
244.14 —
µs
32 kHz oscillator used,
division by 8
4
Instruction cycle time
(external clock,
ceramic oscillator,
crystal oscillator)
t
subcyc
—
122.07 —
µs
32 kHz oscillator used,
division by 4
4
Instruction cycle time
(Resistance oscillation)
t
cyc
1.14
—
8.0
µs
Division by 4
Rf=20 k
Ω
5
Oscillation settling time
(external clock input)
t
RC
OSC
1, OSC2
—
—
7.5
ms
6
Oscillation settling time
(ceramic oscillator)
t
RC
OSC
1, OSC2
—
—
7.5
ms
V
CC=2.0 to 5.5V
6
OSC
1, OSC2
—
—
30
ms
V
CC=2.0 to 5.5V
6
Oscillation settling
time(crystal oscillator)
t
RC
X1,X2
—
—
2
s
T
a=–10 to +60°C,
V
CC=2.0 to 5.5V
4, 6
Oscillation setting time
(Resistance oscillation)
t
RC
OSC
1, OSC2
—
—
0.5
ms
Rf=20 k
Ω
V
CC=2.0 to 5.5V
5, 6
105
f
OSC=4MHz
7
External clock high-
level width
t
CPH
OSC
1
52.5
—
—
ns
f
OSC=8MHz
3, 7
105
f
OSC=4MHz
7
External clock low-
level width
t
CPL
OSC
1
52.5
—
—
ns
f
OSC=8MHz
3, 7
20
f
OSC=4MHz
7
External clock rise time t
CPr
OSC
1
—
—
10
ns
f
OSC=8MHz
3, 7
20
f
OSC=4MHz
7
External clock fall time t
CPf
OSC
1
—
—
10
ns
f
OSC=8MHz
3, 7
INT
0, EVNB, WU0,
high-level width
t
IH
INT
0, EVNB,
WU
0
2
—
—
t
cyc/tsubcyc
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com