Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 140 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 140 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 136Page - Renesas Technology Corp HD404374FT Datasheet HTML 137Page - Renesas Technology Corp HD404374FT Datasheet HTML 138Page - Renesas Technology Corp HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp HD404374FT Datasheet HTML 141Page - Renesas Technology Corp HD404374FT Datasheet HTML 142Page - Renesas Technology Corp HD404374FT Datasheet HTML 143Page - Renesas Technology Corp HD404374FT Datasheet HTML 144Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 140 of 161
A/D Converter Characteristics (HD404374/HD404384/HD404389 Series) (Mask ROM: V
CC = 1.8 V to
5.5 V, GND = 0 V, T
a = –20°C to +75°C; ZTAT
TM : V
CC = 2.0 V to 5.5 V, GND = 0 V, Ta = –20°C to
+75°C, unless otherwise specified)
Item
Symbol
Pins
min.
typ. max.
Unit
Test conditions
Notes
Analog power supply
voltage
AV
CC
AV
CC
V
CC–0.3
V
CC
V
CC+0.3
V
1
Analog input voltage
AV
in
AN
0 to AN5
AV
SS
—
AV
CC
V
AV
CC-AVSS current
I
AD
—
—
500
µA
V
CC=AVCC=5.0V
Analog input
capacitance
CA
in
AN
0 to AN5
—
15
—
pF
Resolution
—
10
—
bit
Number of inputs
0
—
4
channel
V
CC=AVCC=1.8V to 5.5V
2
Absolute accuracy
—
—
±4.0
LSB
V
CC=AVCC=2.0V to 5.5V
3
125
—
—
t
cyc
V
CC=AVCC=1.8V to 2.0V
or less
2
Conversion time
65
—
—
t
cyc
V
CC=AVCC=2.0V to 5.5V
Input impedance
AN
0 to AN5
1
—
—
M•
Notes: 1. Connect to the V
CC pin when the A/D converter is not used.
The AV
CC setting range is 1.8 V
≤AV
CC≤5.5V (Mask ROM), 2.0V ≤ AVCC ≤ 5.5V (ZTAT
TM).
2. Applies to Mask ROM.
3. Applies to ZTAT
TM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com