Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 133Page - Renesas Technology Corp HD404374FT Datasheet HTML 134Page - Renesas Technology Corp HD404374FT Datasheet HTML 135Page - Renesas Technology Corp HD404374FT Datasheet HTML 136Page - Renesas Technology Corp HD404374FT Datasheet HTML 137Page - Renesas Technology Corp HD404374FT Datasheet HTML 138Page - Renesas Technology Corp HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp HD404374FT Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 137 of 161
Electrical Characteristics
DC Characteristics (HD404372, HD40A4372, HD40C4372, HD404374, HD40A4374, HD40C4374,
HD404382, HD40A4382, HD40C4382, HD404384, HD40A4384, HD40C4384, HD404388,
HD40A4388, HD40C4388, HD404389, HD40A4389, HD40C4389, HD404081, HD40A4081,
HD40C4081, HD404082, HD40A4082, HD40C4082, HD404084, HD40A4084, HD40C4084: V
CC = 1.8
V to 5.5 V, GND = 0 V, T
a = –20°C to +75°C; HCD404082, HCD40C4082, HCD404084,
HCD40C4084: V
CC = 1.8 V to 5.5 V, GND = 0 V, Ta = +75°C; HD407A4374, HD407C4374,
HD407A4384, HD407C4384, HD407A4389, HD407C4389: V
CC = 2.0 V to 5.5 V, GND = 0 V, Ta = –
40°C to +85°C, unless otherwise specified)
Item
Symbol Pins
min.
typ. max.
Unit
Test conditions
Notes
RESET,SCK,
SI,
INT
0, WU0,
EVNB
0.90V
CC
—
V
CC+0.3
V
Input high voltage
V
IH
OSC
1
V
CC–0.3
—
V
CC+0.3
V
External clock operation
RESET,SCK,
SI,
INT
0, WU0,
EVNB
–0.3
—
0.10V
CC
V
Input low voltage
V
IL
OSC
1
–0.3
—
0.3
V
External clock operation
Output high
voltage
V
OH
SCK,SO, TOB,
TOC
V
CC–0.5
—
—
V
–I
OH=0.3mA
Output low voltage V
OL
SCK,SO, TOB,
TOC
—
—
0.4
V
I
OL=0.4mA
I/O leakage
current
| I
IL|
RESET,SCK,
SI,
INT
0, WU0,
EVNB, OSC
1,
TOB, TOC,
SO
—
—
1
µA
V
in=0V to VCC
1
—
1.5
3.5
mA
V
CC=5V, fOSC=4MHz
2, 7
l
CC1
—
1.2
2.5
mA
2, 8
—
0.4
1.0
mA
V
CC=3V, fOSC=800kHz
2, 7
l
CC2
—
0.3
0.7
mA
2, 8
—
2.7
9.0
mA
V
CC=5V, fOSC=8MHz
2, 9
Active mode
current dissipation
l
CC3
V
CC
—
2.2
4.5
mA
2, 10
—
1.0
1.5
mA
V
CC=5V, fOSC=4MHz
3, 7
l
SBY1
—
0.6
1.3
mA
3, 8
—
0.3
0.6
mA
V
CC=3V, fOSC=800kHz
3, 7
l
SBY2
—
0.2
0.5
mA
3, 8
—
1.4
4.0
mA
V
CC=5V, fOSC=8MHz
3, 9
Standby mode
current dissipation
l
SBY3
V
CC
—
1.0
2.5
mA
3, 10
Subactive mode
current dissipation
l
SUB
V
CC
—
18
35
µA
V
CC = 3V,
32 kHz oscillator used
4, 5
Watch mode
current dissipation
l
WTC
V
CC
—
6
10
µA
V
CC = 3 V,
32 kHz oscillator used
4, 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com