Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 129Page - Renesas Technology Corp HD404374FT Datasheet HTML 130Page - Renesas Technology Corp HD404374FT Datasheet HTML 131Page - Renesas Technology Corp HD404374FT Datasheet HTML 132Page - Renesas Technology Corp HD404374FT Datasheet HTML 133Page - Renesas Technology Corp HD404374FT Datasheet HTML 134Page - Renesas Technology Corp HD404374FT Datasheet HTML 135Page - Renesas Technology Corp HD404374FT Datasheet HTML 136Page - Renesas Technology Corp HD404374FT Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 133 of 161
Table 37
ROM Address Instructions
Operation
Mnemonic
Operation Code
Function
Status
Words/
Cycles
Branch on status 1
BR b
1 1
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
1
1/1
Long branch on status 1
BRL u
0 1
0 1
1 1 p
3
p
2
p
1
p
0
d
9
d
8
d
7
d
6
d
5
d
4
d
3
d
2
d
1
d
0
1
2/2
Long jump
unconditionally
JMPL u
0 1
0 1
0 1 p
3
p
2
p
1
p
0
d
9
d
8
d
7
d
6
d
5
d
4
d
3
d
2
d
1
d
0
2/2
Subroutine jump on
status 1
CAL a
0 1
1 1
a
5
a
4
a
3
a
2
a
1
a
0
1
1/2
Long subroutine jump
on status 1
CALL u
0 1
0 1
1 0 p
3
p
2
p
1
p
0
d
9
d
8
d
7
d
6
d
5
d
4
d
3
d
2
d
1
d
0
1
2/2
Table branch
TBR p
0 0
1 0
1 1 p
3
p
2
p
1
p
0
1/1
Return from subroutine
RTN
0 0
0 0
0 1 0
0 0 0
1/3
Return from interrupt
RTNI
0 0
0 0
0 1 0
0 0 1
1
→ IE,
carry restored
ST
1/3
Table 38
Input/Output Instructions
Operation
Mnemonic
Operation Code
Function
Status
Words/
Cycles
Set discrete I/O latch
SED
0 0
1 1
1 0 0
1 0 0
1
→ D (Y)
1/1
Set discrete I/O latch
direct
SEDD m
1 0
1 1
1 0 m
3
m
2
m
1
m
0
1
→ D (m)
1/1
Reset discrete I/O latch
RED
0 0
0 1
1 0 0
1 0 0
0
→ D (Y)
1/1
Reset discrete I/O latch
direct
REDD m
1 0
0 1
1 0 m
3
m
2
m
1
m
0
0
→ D (m)
1/1
Test discrete I/O latch
TD
0 0
1 1
1 0 0
0 0 0
D (Y)
1/1
Test discrete I/O latch
direct
TDD m
1 0
1 0
1 0 m
3
m
2
m
1
m
0
D (m)
1/1
Load A from R-port
register
LAR m
1 0
0 1
0 1 m
3
m
2
m
1
m
0
R (m)
→ A
1/1
Load B from R-port
register
LBR m
1 0
0 1
0 0 m
3
m
2
m
1
m
0
R (m)
→ B
1/1
Load R-port register
from A
LRA m
1 0
1 1
0 1 m
3
m
2
m
1
m
0
A
→ R (m)
1/1
Load R-port register
from B
LRB m
1 0
1 1
0 0 m
3
m
2
m
1
m
0
B
→ R (m)
1/1
Pattern generation
P p
0 1
1 0
1 1 p
3
p
2
p
1
p
0
1/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com