Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 132Page - Renesas Technology Corp HD404374FT Datasheet HTML 133Page - Renesas Technology Corp HD404374FT Datasheet HTML 134Page - Renesas Technology Corp HD404374FT Datasheet HTML 135Page - Renesas Technology Corp HD404374FT Datasheet HTML 136Page - Renesas Technology Corp HD404374FT Datasheet HTML 137Page - Renesas Technology Corp HD404374FT Datasheet HTML 138Page - Renesas Technology Corp HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 136 of 161
Absolute Maximum Ratings
Item
Symbol
Value
Unit
Notes
Power supply voltage
V
CC
–0.3 to +7.0
V
Programming voltage
V
PP
–0.3 to +14.0
V
1
Pin voltage
V
T
–0.3 to V
CC+0.3
V
Allowable input current (total)
Σl
0
100
mA
2
Allowable output current (total)
–
Σ l
0
50
mA
3
l
0
4
mA
4,5
Allowable input current (per pin)
30
mA
4,6
–l
0
4
mA
7,8
Allowable output current (per pin)
20
mA
7,9
Topr
–20 to +75
°C
10, 12
Operating temperature
–40 to +85
°C
11, 12
Storage temperature
Tstg
–55 to +125
°C
13
Notes: Permanent damage may occur if these maximum ratings are exceeded. Normal operation must be
under the conditions stated in the electrical characteristics tables. If these conditions are exceeded,
the LSI may malfunction or its reliability may be affected.
1. Applies to the HD407A4374, HD407C4374, HD407A4384, HD407C4384, HD407A4389, and
HD407C4389 TEST (V
PP) pin.
2. The allowable input current (total) is the sum of all currents flowing from I/O pins to ground at the
same time.
3. The allowable output current (total) is the sum of all currents flowing from V
CC to I/O pins.
4. The allowable input current (per pin) is the maximum current allowed to flow from any one I/O pin
to ground.
5. Applies to pins D
0 to D3, D8, D9 and port R.
6. Applies to pins D
4 to D7.
7. The allowable output current (per pin) is the maximum current allowed to flow from V
CC to any
one I/O pin.
8. Applies to pins D
4 to D9 and port R.
9. Applies to pins D
0 to D3.
10. Applies to Mask ROM
11. Applies to ZTAT
TM.
12. The operating temperature indicates the temperature range in which power can be supplied to
the LSI (voltage Vcc shown in the electrical characteristics tables can be applied).
13. In the case of chips, the storage specification differs from that of the package products. Please
consult your Hitachi sales representative for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com