Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 134Page - Renesas Technology Corp HD404374FT Datasheet HTML 135Page - Renesas Technology Corp HD404374FT Datasheet HTML 136Page - Renesas Technology Corp HD404374FT Datasheet HTML 137Page - Renesas Technology Corp HD404374FT Datasheet HTML 138Page - Renesas Technology Corp HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp HD404374FT Datasheet HTML 141Page - Renesas Technology Corp HD404374FT Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 138 of 161
Item
Symbol Pins
min.
typ. max.
Unit
Test conditions
Notes
Stop mode current
dissipation
l
STOP
V
CC
—
—
5
µA
V
CC = 3 V, no 32 kHz
oscillator
4
Stop mode
retention voltage
V
STOP
V
CC
1.5
—
—
V
no 32 kHz oscillator
6
Notes: 1. Excludes output buffer current.
2. Power supply current when the MCU is in the reset state and there are no I/O currents.
MCU State
• Reset state
Test Conditions
Pin States
•
RESET, TEST: At ground
3. Power supply current when the on-chip timers are operating and there are no I/O currents.
MCU State
• I/O: Same as reset state
• Standby mode
• f
cyc = fOSC/4
Test Conditions
Pin States
•
RESET: At V
CC
• TEST: At ground
• D port, R port: At V
CC
4. Power supply current when there are no I/O currents.
Test Conditions Pin States
•
RESET: At V
CC
• TEST: At ground
• D port, R port: At V
CC
5. Applies to HD404374 Series.
6. Voltage needed to retain RAM data.
7. Applies to HD404374, HD404384, and HD404389 Series.
8. Applies to HD404082 and HD404084 Series.
9. Applies to HD40A4374/2, HD407A4374, HD40A4384/2, HD407A4384, HD40A4389/8 and
HD407A4389.
10. Applies to HD40A4082/1 and HD40A4084.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com