Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 138Page - Renesas Technology Corp HD404374FT Datasheet HTML 139Page - Renesas Technology Corp HD404374FT Datasheet HTML 140Page - Renesas Technology Corp HD404374FT Datasheet HTML 141Page - Renesas Technology Corp HD404374FT Datasheet HTML 142Page - Renesas Technology Corp HD404374FT Datasheet HTML 143Page - Renesas Technology Corp HD404374FT Datasheet HTML 144Page - Renesas Technology Corp HD404374FT Datasheet HTML 145Page - Renesas Technology Corp HD404374FT Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 142 of 161
Item
Symbol
Pins
min.
typ.
max.
Unit
Test conditions
Notes
INT
0, EVNB,
WU
0, low-level width
t
IL
INT
0, EVNB,
WU
0
2
—
—
t
cyc/tsubcyc
8
RESET low-level width t
RSTL
RESET
2
—
—
t
cyc
9
RESET rise time
t
RSTr
RESET
—
—
20
ms
9
All input pins
except TEST
—
—
15
pF
TEST
—
—
15
pF
10
Input capacitance
C
in
TEST
—
—
40
pF
f=1MHz,V
in=0V
11
Capacitance between
OSC
1 and OSC2
(Resistance oscillation)
C
RF
OSC
1, OSC2
—
—
1
pF
5
Notes: 1. When the subsystem oscillator (32.768 kHz crystal oscillation) is used, use within the range
0.4 MHz
≤f
OSC≤1.0 MHz or 1.6 MHz≤fOSC≤8.5 MHz. The SSR1 bit of the system clock select
register (SSR) should be set to 0 and 1, respectively.
2. The typ. value is the value when V
CC = 3.5 V.
3. Applies to HD40A4372/4, HD40A4382/4, HD40A4388/9, HD40A4081/2, HD40A4084,
HD407A4374, HD407A4384 and HD407A4389 when V
CC = 4.0 to 5.5 V.
4. Applies to HD404374 Series.
5. Applies to HD40C4372/4, HD407C4374, HD40C4382/4, HD407C4384, HD40C4388/9,
HD407C4389, HD40C4081/2, HCD40C4082, HD40C4084, HCD40C4084.
6. The oscillation settling time is defined as follows:
(1)
The time required for the oscillation to settle after V
CC has reached standard minimum at
power-on.
(2)
The time required for the oscillation to settle after
RESET input has gone low when stop
mode is cleared.
To ensure enough time for the oscillation to settle at power-on hold the
RESET input low for at
least time t
RC.
The oscillation settling time will depend on the circuit constants and stray
capacitance. The resonator should be determined in consultation with the resonator
manufacturer. With regard to the system clock (OSC
1, OSC2), bits MIS1 and MIS0 in the
miscellaneous register (MIS) should be set according to the oscillation settling time of the
resonator used.
7. See figure 79.
8. See figure 80.
9. See figure 81.
10. Applies to Mask ROM.
11. Applies to ZTAT
TM.
12. Applies to HD40C4081/2, HCD40C4082, HD40C4084, HCD40C4084.
13. Applies to HD40C4372/4, HD407C4374, HD40C4382/4, HD407C4384, HD40C4388/9,
HD407C4389.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com