Electronic Components Datasheet Search
  English  ▼

X  

HD404374FT Datasheet(PDF) 147 Page - Renesas Technology Corp

Part # HD404374FT
Description  Low-Voltage AS Microcomputers with On-Chip A/D Converter
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD404374FT Datasheet(HTML) 147 Page - Renesas Technology Corp

Back Button HD404374FT Datasheet HTML 143Page - Renesas Technology Corp HD404374FT Datasheet HTML 144Page - Renesas Technology Corp HD404374FT Datasheet HTML 145Page - Renesas Technology Corp HD404374FT Datasheet HTML 146Page - Renesas Technology Corp HD404374FT Datasheet HTML 147Page - Renesas Technology Corp HD404374FT Datasheet HTML 148Page - Renesas Technology Corp HD404374FT Datasheet HTML 149Page - Renesas Technology Corp HD404374FT Datasheet HTML 150Page - Renesas Technology Corp HD404374FT Datasheet HTML 151Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 161 page
background image
HD404374/HD404384/HD404389/HD404082/HD404084 Series
Rev.5.00, Sep.11.2003, page 147 of 161
0.0
0.5
1.0
1.5
2.0
2.5
2
1
3456
0.0
0.5
1.0
1.5
2.0
2.5
2
1
3456
1.0
1.5
2.0
2.5
2
1
3456
0.0
1.0
2.0
3.0
4.0
5.0
10
0
20304050
0.0
0.5
1.0
1.5
2.0
2.5
0.0
1.0
2.0
3.0
4.0
5.0
10
0
20304050
5
0
10152025
fosc=8MHz
fosc=4MHz
fosc=2MHz
fosc=800kHz
fosc=400kHz
Ta=25
°C fcyc=fosc/4 typ
V
CC (V)
V
CC (V)
(a) ICC vs. VCC characteristic (ceramic oscillation, crystal
oscillation)
Ta=25
°C Rf=20kΩ fcyc=fosc/4 typ
(b) ICC vs. VCC characteristic (resistance oscillation)
Rf (k
Ω)
Ta=25
°C typ
V
CC=5V
V
CC=3.5V
V
CC=2V
(d) fOSC vs. Rf characteristic (resistance oscillation)
V
CC (V)
Ta=25
°C Rf=20kΩ typ
(c) fOSC vs. VCC characteristic (resistance oscillation)
-I
OH (mA)
Ta=25
°C typ
V
CC=4.5V
V
CC=5V
V
CC=5.5V
(f) VCC - VOH vs. IOH characteristic (pins D0 to D3)
I
OL (mA)
Ta=25
°C typ
V
CC=4.5V
V
CC=5V
V
CC=5.5V
(e) VOL vs. IOL characteristic (pins D4 to D7)
Figure 85 HD404082 and HD404084 Series Characteristic Curves (Reference Values)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com