Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 156 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 156 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp 4518 Datasheet HTML 154Page - Renesas Technology Corp 4518 Datasheet HTML 155Page - Renesas Technology Corp 4518 Datasheet HTML 156Page - Renesas Technology Corp 4518 Datasheet HTML 157Page - Renesas Technology Corp 4518 Datasheet HTML 158Page - Renesas Technology Corp 4518 Datasheet HTML 159Page - Renesas Technology Corp 4518 Datasheet HTML 160Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 156 / 160 page
background image
Rev.3.01
2005.06.15
page 156 of 157
REJ03B0008-0301
4518 Group
(1) PROM mode
The built-in PROM version has a PROM mode in addition to a nor-
mal operation mode. The PROM mode is used to write to and read
from the built-in PROM.
In the PROM mode, the programming adapter can be used with a
general-purpose PROM programmer to write to or read from the
built-in PROM as if it were M5M27C256K.
Programming adapter is listed in Table 24. Contact addresses at
the end of this data sheet for the appropriate PROM programmer.
• Writing and reading of built-in PROM
Programming voltage is 12.5 V. Write the program in the PROM of
the built-in PROM version as shown in Figure 76.
(2) Notes on handling
➀ A high-voltage is used for writing. Take care that overvoltage is
not applied. Take care especially at turning on the power.
➁ For the One Time PROM version shipped in blank, Renesas
Technology Corp. does not perform PROM writing test and
screening in the assembly process and following processes. In
order to improve reliability after writing, performing writing and
test according to the flow shown in Figure 77 before using is rec-
ommended (Products shipped in blank: PROM contents is not
written in factory when shipped).
(3) Electric Characteristic Differences
Between Mask ROM and One TIme PROM
Version MCU
There are differences in electric characteristics, operation margin,
noise immunity, and noise radiation between Mask ROM and One
Time PROM version MCUs due to the difference in the manufactur-
ing processes.
When manufacturing an application system with the One Time
PROM version and then switching to use of the Mask ROM ver-
sion, please perform sufficient evaluations for the commercial
samples of the Mask ROM version.
Fig. 76 PROM memory map
Fig. 77 Flow of writing and test of the product shipped in blank
Microcomputer
M34518E8FP
M34518E8SP
Name of Programming Adapter
PCA7442FP
PCA7442SP
Table 24 Programming adapter
Address
000016
3FFF16
7FFF16
1
11
D4
D3
D2
D1
D0
High-order 5 bits
1
11
D4
D3
D2
D1
D0
Low-order 5 bits
400016
1FFF16
5FFF16
Writing with PROM programmer
Screening (Leave at 150
°C for 40 hours) (Note)
Verify test with PROM programmer
Function test in target device
Since the screening temperature is higher
than storage temperature, never expose the
microcomputer to 150
°C exceeding 100
hours.
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com