Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 153 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 153 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 149Page - Renesas Technology Corp 4518 Datasheet HTML 150Page - Renesas Technology Corp 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp 4518 Datasheet HTML 154Page - Renesas Technology Corp 4518 Datasheet HTML 155Page - Renesas Technology Corp 4518 Datasheet HTML 156Page - Renesas Technology Corp 4518 Datasheet HTML 157Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 160 page
background image
Rev.3.01
2005.06.15
page 153 of 157
REJ03B0008-0301
4518 Group
A/D CONVERTER CHARACTERISTICS
(Ta = –20 °C to 85 °C, unless otherwise noted)
Symbol
–
–
–
V0T
VFST
–
IADD
TCONV
–
–
–
Parameter
Resolution
Linearity error
Differential non-linearity error
Zero transition voltage
Full-scale transition voltage
Absolute accuracy
(Quantization error excluded)
A/D operating current
(Note 1)
A/D conversion time
Comparator resolution
Comparator error (Note 2)
Comparator comparison time
Test conditions
Unit
2.7(3.0) V
≤ VDD ≤ 5.5 V ((): One Time PROM version)
Mask ROM version
2.2 V
≤ VDD < 2.7 V
2.2 (3.0) V
≤ VDD ≤ 5.5 V ((): One Time PROM version)
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
Mask ROM version
2.0 V
≤ VDD < 2.2 V
VDD = 5 V
VDD = 3 V
f(XIN) = 6 MHz
f(STCK) = f(XIN) (XIN through mode)
ADCK=INSTCK/6
Mask ROM version
One Time PROM version
f(XIN) = 6 MHz
f(STCK) = f(XIN) (XIN through mode)
ADCK=INSTCK/6
Min.
0
0
0
0
3
5105
3064.5
2552.5
5100
3065
Typ.
10
7.5
7.5
15
13
5115
3072
2560
5115
3075
150
75
Max.
10
±2
±4
±0.9
20
15
15
30
23
5125
3079.5
2567.5
5130
3085
±8
450
225
31
8
±20
±15
±15
±30
±23
4
Limits
Notes 1: When the A/D converter is used, IADD is added to IDD (supply current).
2: As for the error from the ideal value in the comparator mode, when the contents of the comparator register is n, the logic value of the comparison
voltage Vref which is generated by the built-in DA converter can be obtained by the following formula.
Logic value of comparison voltage Vref
Vref =
✕ n
n = Value of register AD (n = 0 to 255)
VDD
256
bits
LSB
LSB
mV
mV
LSB
µA
µs
bits
mV
µs
VDD = 5.12 V
VDD = 3.072 V
VDD = 2.56 V
VDD = 5.12 V
VDD = 3.072 V
VDD = 5.12 V
VDD = 3.072 V
VDD = 2.56 V
VDD = 5.12 V
VDD = 3.072 V
VDD = 5.12 V
VDD = 3.072 V
VDD = 2.56 V
VDD = 5.12 V
VDD = 3.072 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com