Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 145Page - Renesas Technology Corp 4518 Datasheet HTML 146Page - Renesas Technology Corp 4518 Datasheet HTML 147Page - Renesas Technology Corp 4518 Datasheet HTML 148Page - Renesas Technology Corp 4518 Datasheet HTML 149Page - Renesas Technology Corp 4518 Datasheet HTML 150Page - Renesas Technology Corp 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 160 page
background image
Rev.3.01
2005.06.15
page 149 of 157
REJ03B0008-0301
4518 Group
Conditions
Limits
Parameter
Symbol
Unit
Mask ROM version
One Time PROM version
CNTR0, CNTR1
CNTR0, CNTR1
SCK
SCK
Mask ROM version
One Time PROM version
Oscillation frequency
(with a quartz-crystal oscillator)
Timer external input frequency
Timer external input period
(“H” and “L” pulse width)
Serial I/O external input frequency
Serial I/O external input frequency
(“H” and “L“ pulse width)
Power-on reset circuit
valid supply voltage rising time
f(XIN)
f(CNTR)
tw(CNTR)
f(SCK)
tw(SCK)
TPON
kHz
Hz
s
Hz
s
µs
50
50
f(STCK)/6
f(STCK)/6
100
100
3/f(STCK)
3/f(STCK)
VDD = 2.0 to 5.5 V
VDD = 2.5 to 5.5 V
VDD = 0
→ 1.8 V
VDD = 0
→ 2.5 V
Typ.
Max.
Min.
RECOMMENDED OPERATING CONDITIONS 3
(Mask ROM version: Ta = –20 °C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
(One Time PROM version: Ta = –20 °C to 85 °C, VDD = 2.5 to 5.5 V, unless otherwise noted)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com