Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 144Page - Renesas Technology Corp 4518 Datasheet HTML 145Page - Renesas Technology Corp 4518 Datasheet HTML 146Page - Renesas Technology Corp 4518 Datasheet HTML 147Page - Renesas Technology Corp 4518 Datasheet HTML 148Page - Renesas Technology Corp 4518 Datasheet HTML 149Page - Renesas Technology Corp 4518 Datasheet HTML 150Page - Renesas Technology Corp 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 160 page
background image
Rev.3.01
2005.06.15
page 148 of 157
REJ03B0008-0301
4518 Group
f(XIN)
f(XIN)
f(XIN)
Oscillation frequency
(with a ceramic resonator)
Oscillation frequency
(at RC oscillation) (Note)
Oscillation frequency
(with a ceramic resonator selected,
external clock input)
Conditions
MHz
MHz
MHz
Max.
6.0
4.4
2.2
1.1
6.0
4.4
2.2
6.0
4.4
6.0
4.4
2.2
6.0
4.4
6.0
4.4
4.8
3.2
1.6
0.8
4.8
3.2
1.6
4.8
3.2
4.8
3.2
1.6
4.8
3.2
4.8
Limits
Mask ROM
version
One Time PROM
version
VDD = 2.7 to 5.5 V
Mask ROM
version
One Time PROM
version
Min.
Typ.
RECOMMENDED OPERATING CONDITIONS 2
(Mask ROM version: Ta = –20 °C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
(One Time PROM version: Ta = –20 °C to 85 °C, VDD = 2.5 to 5.5 V, unless otherwise noted)
Parameter
Symbol
Unit
Note: The frequency is affected by a capacitor, a resistor and a microcomputer. So, set the constants within the range of the frequency limits.
<System clock (STCK) operating condition map>
VDD = 4.0 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.0 to 5.5 V
VDD = 1.8 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.0 to 5.5 V
VDD = 1.8 to 5.5 V
VDD = 2.0 to 5.5 V
VDD = 1.8 to 5.5 V
VDD = 4.0 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.5 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.5 to 5.5 V
VDD = 2.5 to 5.5 V
VDD = 4.0 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.0 to 5.5 V
VDD = 1.8 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.0 to 5.5 V
VDD = 1.8 to 5.5 V
VDD = 2.0 to 5.5 V
VDD = 1.8 to 5.5 V
VDD = 4.0 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.5 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.5 to 5.5 V
VDD = 2.5 to 5.5 V
Through mode
Frequency/2 mode
Frequency/4, 8 mode
Through mode
Frequency/2 mode
Frequency/4, 8 mode
Through mode
Frequency/2 mode
Frequency/4, 8 mode
Through mode
Frequency/2 mode
Frequency/4, 8 mode
6
4.4
2
(2.5)
2.7
4
1.8
5.5
VDD[V]
2.2
1.1
f(STCK)
[MHz]
3.2
4.8
2
(2.5)
2.7
4
1.8
5.5
VDD
1.6
0.8
When external clock is used
When RC oscillation is used
When ceramic resonance is used
f(STCK)
[MHz]
4.4
2.7
5.5
VDD[V]
f(STCK)
[MHz]
( ): One Time PROM version
Recommended
operating operation
Recommended
operating operation
Recommended
operating operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com