Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 152 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 152 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 148Page - Renesas Technology Corp 4518 Datasheet HTML 149Page - Renesas Technology Corp 4518 Datasheet HTML 150Page - Renesas Technology Corp 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp 4518 Datasheet HTML 154Page - Renesas Technology Corp 4518 Datasheet HTML 155Page - Renesas Technology Corp 4518 Datasheet HTML 156Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 160 page
background image
Rev.3.01
2005.06.15
page 152 of 157
REJ03B0008-0301
4518 Group
A/D CONVERTER RECOMMENDED OPERATING CONDITIONS
(Comparator mode included, Ta = –20 °C to 85 °C, unless otherwise noted)
Symbol
VDD
VIA
f(ADCK)
Parameter
Supply voltage
Analog input voltage
A/D conversion clock
frequency
(Note)
Conditions
Unit
V
V
kHz
Mask ROM version
One Time PROM version
Mask ROM version
One Time PROM version
Min.
2.0
3.0
0
0.8
0.8
0.8
0.8
0.8
0.8
Typ.
Max.
5.5
5.5
VDD
334
245
3.9
1.8
334
123
Limits
VDD = 4.0 to 5.5 V
VDD = 2.7 to 5.5 V
VDD = 2.2 to 5.5 V
VDD = 2.0 to 5.5 V
VDD = 4.0 to 5.5 V
VDD = 3.0 to 5.5 V
Note: Definition of A/D conversion clock (ADCK)
<Operating condition map of A/D conversion clock (ADCK) >
11
10
01
00
0
1
Instruction clock (INSTCK)
On-chip oscillator clock(RING)
A/D conversion clock (ADCK)
Division circuit
System clock (STCK)
Instruction clock
(INSTCK)
Multi-
plexer
(CMCK,
CRCK,
CYCK)
MR0
1
0
MR3, MR2
01
00
10
11
On-chip oscillator
XIN
Ceramic resonance
RC oscillation
Internal clock
generating circuit
(divided by 3)
Quartz-crystal
oscillation
On-chip oscillator clock (RING)
Q31, Q30
Q32
Divided by 2
Divided by 4
Divided by 8
Division circuit
Divided by 12
Divided by 24
Divided by 48
Divided by 6
334
245
(123)
2.2
( ): One Time PROM version
2.7
(3.0)
4
2
5.5
VDD[V]
3.9
1.8
0.8
f(ADCK)
[kHz]
Recommended
operating operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com