Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 155 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 155 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp 4518 Datasheet HTML 154Page - Renesas Technology Corp 4518 Datasheet HTML 155Page - Renesas Technology Corp 4518 Datasheet HTML 156Page - Renesas Technology Corp 4518 Datasheet HTML 157Page - Renesas Technology Corp 4518 Datasheet HTML 158Page - Renesas Technology Corp 4518 Datasheet HTML 159Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 160 page
background image
Rev.3.01
2005.06.15
page 155 of 157
REJ03B0008-0301
4518 Group
Table 23 Product of built-in PROM version
PROM size
(✕ 10 bits)
8192 words
8192 words
RAM size
(✕ 4 bits)
384 words
384 words
M34518E8FP
M34518E8SP
One Time PROM [shipped in blank]
One Time PROM [shipped in blank]
PLQP0032GB-A
PRDP0032BA-A
BUILT-IN PROM VERSION
In addition to the mask ROM versions, the 4518 Group has the
One Time PROM versions whose PROMs can only be written to
and not be erased.
The built-in PROM version has functions similar to those of the
mask ROM versions, but it has PROM mode that enables writing to
built-in PROM.
ROM type
Package
Part number
Fig. 75 Pin configuration of built-in PROM version
PIN CONFIGURATION (TOP VIEW)
8
7
10
9
12
11
14
15
16
13
6
5
4
3
2
1
25
26
23
24
21
22
19
18
17
20
27
28
29
30
31
32
D0
D1
D2
D3
D4
D5
D6/CNTR0
D7/CNTR1
P20/SCK
P21/SOUT
P22/SIN
RESET
CNVSS
XOUT
XIN
VSS
P13
P12
P11
P10
P03
P02
P01
P00
P63/AIN3
P62/AIN2
P61/AIN1
P60/AIN0
P31/INT1
P30/INT0
VDCE
VDD
2
1
345678
23
24
22
21
20
19
18
17
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
P30/INT0
VDCE
VDD
VSS
XIN
XOUT
CNVSS
RESET
P03
P10
P11
P12
P13
D0
D1
D2
M34518E8FP
Table 23 shows the product of built-in PROM version. Figure 75
shows the pin configurations of built-in PROM versions.
The One Time PROM version has pin-compatibility with the mask
ROM version.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com