Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 154 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 154 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 150Page - Renesas Technology Corp 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp 4518 Datasheet HTML 154Page - Renesas Technology Corp 4518 Datasheet HTML 155Page - Renesas Technology Corp 4518 Datasheet HTML 156Page - Renesas Technology Corp 4518 Datasheet HTML 157Page - Renesas Technology Corp 4518 Datasheet HTML 158Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 160 page
background image
Rev.3.01
2005.06.15
page 154 of 157
REJ03B0008-0301
4518 Group
BASIC TIMING DIAGRAM
VOLTAGE DROP DETECTION CIRCUIT CHARACTERISTICS
(Ta = –20 °C to 85 °C, unless otherwise noted)
Test conditions
Ta = 25 °C
Mask ROM version
One Time PROM version
Ta = 25 °C
Mask ROM version
One Time PROM version
VDD = 5 V
VDD = 3 V
VDD
→ (VRST– – 0.1 V) (Note 4)
Parameter
Detection voltage
(reset occurs) (Note 1)
Detection voltage
(reset release) (Note 2)
Detection voltage hysteresis
Operation current (Note 3)
Detection time
Symbol
VRST–
VRST+
VRST+–
VRST–
IRST
TRST
Limits
Unit
Min.
3.3
2.7
2.6
3.5
2.9
2.8
Typ.
3.5
3.7
0.2
50
30
0.2
Max.
3.7
4.2
4.2
3.9
4.4
4.4
100
60
1.2
V
V
V
µA
ms
Notes 1: The detected voltage (VRST–) is defined as the voltage when reset occurs when the supply voltage (VDD) is falling.
2: The detected voltage (VRST+) is defined as the voltage when reset is released when the supply voltage (VDD) is rising from reset occurs.
3: When the voltage drop detection circuit is used (VDCE pin = “H”), IRST is added to IDD (power current).
4: The detection time (TRST) is defined as the time until reset occurs when the supply voltage (VDD) is falling to [VRST– – 0.1 V].
STCK
Parameter
Pin (signal) name
Machine cycle
Mi
Mi+1
D0–D7
System clock
Port D output
Port D input
Ports P0, P1, P2, P3,
P6 output
Ports P0, P1, P2, P3,
P6 input
D0–D7
INT0, INT1
Interrupt input
P00–P03
P10–P13
P00–P03
P10–P13
P20–P23
P30, P31
P20–P23
P30, P31
P60–P63
P60–P63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com