Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 151 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 151 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 147Page - Renesas Technology Corp 4518 Datasheet HTML 148Page - Renesas Technology Corp 4518 Datasheet HTML 149Page - Renesas Technology Corp 4518 Datasheet HTML 150Page - Renesas Technology Corp 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp 4518 Datasheet HTML 154Page - Renesas Technology Corp 4518 Datasheet HTML 155Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 160 page
background image
Rev.3.01
2005.06.15
page 151 of 157
REJ03B0008-0301
4518 Group
ELECTRICAL CHARACTERISTICS 2
(Mask ROM version: Ta = –20 °C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
(One Time PROM version: Ta = –20 °C to 85 °C, VDD = 2.5 to 5.5 V, unless otherwise noted)
IDD
Supply current at active mode
(with a ceramic resonator,
on-chip oscillator stop)
at active mode
(with a quartz-crystal
oscillator,
on-chip oscillator stop)
at active mode
(with an on-chip oscillator,
f(XIN) stop)
at RAM back-up mode
(POF instruction execution)
mA
mA
mA
µA
µA
µA
µA
µA
Test conditions
VDD = 5 V
f(XIN) = 6 MHz
VDD = 5 V
f(XIN) = 4 MHz
VDD = 3 V
f(XIN) = 4 MHz
VDD = 5 V
f(XIN) = 32 kHz
VDD = 3 V
f(XIN) = 32 kHz
VDD = 5 V
VDD = 3 V
Ta = 25 °C
VDD = 5 V
VDD = 3 V
Limits
Max.
2.8
3.2
4.0
5.6
2.2
2.4
3.0
4.0
0.8
1.0
1.2
1.6
110
120
130
140
24
26
28
30
100
140
200
300
20
30
40
70
3
10
6
Min.
Typ.
1.4
1.6
2.0
2.8
1.1
1.2
1.5
2.0
0.4
0.5
0.6
0.8
55
60
65
70
12
13
14
15
50
70
100
150
10
15
20
35
0.1
Symbol
Parameter
Unit
f(STCK) = f(XIN)/8
f(STCK) = f(XIN)/4
f(STCK) = f(XIN)/2
f(STCK) = f(XIN)
f(STCK) = f(XIN)/8
f(STCK) = f(XIN)/4
f(STCK) = f(XIN)/2
f(STCK) = f(XIN)
f(STCK) = f(XIN)/8
f(STCK) = f(XIN)/4
f(STCK) = f(XIN)/2
f(STCK) = f(XIN)
f(STCK) = f(XIN)/8
f(STCK) = f(XIN)/4
f(STCK) = f(XIN)/2
f(STCK) = f(XIN)
f(STCK) = f(XIN)/8
f(STCK) = f(XIN)/4
f(STCK) = f(XIN)/2
f(STCK) = f(XIN)
f(STCK) = f(RING)/8
f(STCK) = f(RING)/4
f(STCK) = f(RING)/2
f(STCK) = f(RING)
f(STCK) = f(RING)/8
f(STCK) = f(RING)/4
f(STCK) = f(RING)/2
f(STCK) = f(RING)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com