Electronic Components Datasheet Search
  English  ▼

X  

4518 Datasheet(PDF) 150 Page - Renesas Technology Corp

Part # 4518
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

4518 Datasheet(HTML) 150 Page - Renesas Technology Corp

Back Button 4518 Datasheet HTML 146Page - Renesas Technology Corp 4518 Datasheet HTML 147Page - Renesas Technology Corp 4518 Datasheet HTML 148Page - Renesas Technology Corp 4518 Datasheet HTML 149Page - Renesas Technology Corp 4518 Datasheet HTML 150Page - Renesas Technology Corp 4518 Datasheet HTML 151Page - Renesas Technology Corp 4518 Datasheet HTML 152Page - Renesas Technology Corp 4518 Datasheet HTML 153Page - Renesas Technology Corp 4518 Datasheet HTML 154Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 160 page
background image
Rev.3.01
2005.06.15
page 150 of 157
REJ03B0008-0301
4518 Group
ELECTRICAL CHARACTERISTICS 1
(Mask ROM version: Ta = –20 °C to 85 °C, VDD = 1.8 to 5.5 V, unless otherwise noted)
(One Time PROM version: Ta = –20 °C to 85 °C, VDD = 2.5 to 5.5 V, unless otherwise noted)
VOH
VOL
VOL
VOL
VOL
IIH
IIL
RPU
VT+ – VT–
VT+ – VT–
f(RING)
∆f(XIN)
“H” level output voltage
P0, P1, D0–D7, CNTR0, CNTR1
“L” level output voltage
P0, P1, P2, P6
SCK, SOUT
“L” level output voltage
P3, RESET
“L” level output voltage
D0–D5
“L” level output voltage
D6, D7, CNTR0, CNTR1
“H” level input current
P0, P1, P2, P3, P6,
D0–D7, VDCE, RESET,
SCK, SIN, CNTR0, CNTR1,
INT0, INT1
“L” level input current
P0, P1, P2, P3, P6,
D0–D7, VDCE,
SCK, SIN, CNTR0, CNTR1,
INT0, INT1
Pull-up resistor value
P0, P1, RESET
Hysteresis
SCK, SIN, CNTR0, CNTR1, INT0, INT1
Hysteresis RESET
On-chip oscillator clock frequency
Frequency error
(with RC oscillation,
error of external R, C not included )
(Note)
V
V
V
V
V
µA
µA
k
Ω
V
V
kHz
%
%
Test conditions
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VI = VDD
Port P6 selected
VI = 0 V
P0, P1 No pull-up
Port P6 selected
VI = 0 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
VDD = 5 V
VDD = 3 V
Mask ROM version
VDD = 1.8 V
VDD = 5 V ± 10 %, Ta = 25 °C
VDD = 3 V ± 10 %, Ta = 25 °C
Limits
Max.
2
0.9
0.9
0.6
2
0.9
0.9
2
0.9
1.4
0.9
2
0.9
2
0.9
2
–2
125
250
700
400
200
±17
±17
IOH = –10 mA
IOH = –3 mA
IOH = –5 mA
IOH = –1 mA
IOL = 12 mA
IOL = 4 mA
IOL = 6 mA
IOL = 2 mA
IOL = 5 mA
IOL = 1 mA
IOL = 2 mA
IOL = 15 mA
IOL = 5 mA
IOL = 9 mA
IOL = 3 mA
IOL = 30 mA
IOL = 10 mA
IOL = 15 mA
IOL = 5 mA
VDD = 5 V
VDD = 3 V
Min.
3
4.1
2.1
2.4
30
50
200
100
30
Typ.
Symbol
Parameter
Unit
60
120
0.2
0.2
1
0.4
500
250
120
Note: When RC oscillation is used, use the external 30 or 33 pF capacitor (C).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com