Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 33Page - Renesas Technology Corp HD64F36034 Datasheet HTML 34Page - Renesas Technology Corp HD64F36034 Datasheet HTML 35Page - Renesas Technology Corp HD64F36034 Datasheet HTML 36Page - Renesas Technology Corp HD64F36034 Datasheet HTML 37Page - Renesas Technology Corp HD64F36034 Datasheet HTML 38Page - Renesas Technology Corp HD64F36034 Datasheet HTML 39Page - Renesas Technology Corp HD64F36034 Datasheet HTML 40Page - Renesas Technology Corp HD64F36034 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 592 page
background image
Section 1 Overview
Rev. 4.00 Mar. 15, 2006 Page 5 of 556
REJ09B0026-0400
1.4
Pin Functions
Table 1.1
Pin Functions
Pin No.
Type
Symbol
FP-64K
FP-64A
I/O
Functions
Power
source pins
V
CC
12
Input
Power supply pin. Connect this pin to the
system power supply.
V
SS
9
Input
Ground pin. Connect this pin to the system
power supply (0 V).
AV
CC
3
Input
Analog power supply pin for the A/D converter.
When the A/D converter is not used, connect
this pin to the system power supply.
V
CL
6
Input
Internal step-down power supply pin. Connect
a capacitor of around 0.1
µF between this pin
and the Vss pin for stabilization.
Clock pins
OSC1
11
Input
OSC2
10
Output
These pins connect with crystal or ceramic
resonator for the system clock, or can be used
to input an external clock.
See section 5, Clock Pulse Generators, for a
typical connection.
System
control
RES
7
Input
Reset pin. The pull-up resistor (typ. 150 k
Ω) is
incorporated. When driven low, the chip is
reset.
TEST
8
Input
Test pin. Connect this pin to Vss.
NMI
35
Input
Non-maskable interrupt request input pin. Must
be pulled-up with a resistor.
Interrupt
pins
IRQ0 to
IRQ3
51 to 54
Input
External interrupt request input pins. Can
select the rising or falling edge.
WKP0 to
WKP5
13, 14,
19 to 22
Input
External interrupt request input pins. Can
select the rising or falling edge.
Timer B1
TMIB1
52
Input
External event input pin.
Timer V
TMOV
30
Output
This is an output pin for waveforms generated
by the output compare function.
TMCIV
29
Input
External event input pin.
TMRIV
28
Input
Counter reset input pin.
TRGV
54
Input
Counter start trigger input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com