Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 80Page - Renesas Technology Corp HD64F36034 Datasheet HTML 81Page - Renesas Technology Corp HD64F36034 Datasheet HTML 82Page - Renesas Technology Corp HD64F36034 Datasheet HTML 83Page - Renesas Technology Corp HD64F36034 Datasheet HTML 84Page - Renesas Technology Corp HD64F36034 Datasheet HTML 85Page - Renesas Technology Corp HD64F36034 Datasheet HTML 86Page - Renesas Technology Corp HD64F36034 Datasheet HTML 87Page - Renesas Technology Corp HD64F36034 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 592 page
background image
Section 3 Exception Handling
Rev. 4.00 Mar. 15, 2006 Page 52 of 556
REJ09B0026-0400
3.2
Register Descriptions
Interrupts are controlled by the following registers.
• Interrupt edge select register 1 (IEGR1)
• Interrupt edge select register 2 (IEGR2)
• Interrupt enable register 1 (IENR1)
• Interrupt enable register 2 (IENR2)
• Interrupt flag register 1 (IRR1)
• Interrupt flag register 2 (IRR2)
• Wakeup interrupt flag register (IWPR)
3.2.1
Interrupt Edge Select Register 1 (IEGR1)
IEGR1 selects the direction of an edge that generates interrupt requests of pins
NMI and IRQ3 to
IRQ0.
Bit
Bit Name
Initial
Value
R/W
Description
7
NMIEG
0
R/W
NMI Edge Select
0: Falling edge of
NMI pin input is detected
1: Rising edge of
NMI pin input is detected
6 to 4
All 1
Reserved
These bits are always read as 1.
3
IEG3
0
R/W
IRQ3 Edge Select
0: Falling edge of
IRQ3 pin input is detected
1: Rising edge of
IRQ3 pin input is detected
2
IEG2
0
R/W
IRQ2 Edge Select
0: Falling edge of
IRQ2 pin input is detected
1: Rising edge of
IRQ2 pin input is detected
1
IEG1
0
R/W
IRQ1 Edge Select
0: Falling edge of
IRQ1 pin input is detected
1: Rising edge of
IRQ1 pin input is detected
0
IEG0
0
R/W
IRQ0 Edge Select
0: Falling edge of
IRQ0 pin input is detected
1: Rising edge of
IRQ0 pin input is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com