Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 3Page - Renesas Technology Corp HD64F36034 Datasheet HTML 4Page - Renesas Technology Corp HD64F36034 Datasheet HTML 5Page - Renesas Technology Corp HD64F36034 Datasheet HTML 6Page - Renesas Technology Corp HD64F36034 Datasheet HTML 7Page - Renesas Technology Corp HD64F36034 Datasheet HTML 8Page - Renesas Technology Corp HD64F36034 Datasheet HTML 9Page - Renesas Technology Corp HD64F36034 Datasheet HTML 10Page - Renesas Technology Corp HD64F36034 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 592 page
background image
Rev. 4.00 Mar. 15, 2006 Page vii of xxxii
Notes:
When using an on-chip emulator (E7, E8) for H8/36057 and H8/36037 program development and
debugging, the following restrictions must be noted.
1. The
NMI pin is reserved for the E7 or E8, and cannot be used.
2. Pins P85, P86, and P87 cannot be used. In order to use these pins, additional hardware must be
provided on the user board.
3. Area H'D000 to H'DFFF is used by the E7 or E8, and is not available to the user.
4. Area H'F780 to H'FB7F must on no account be accessed.
5. When the E7 or E8 is used, address breaks can be set as either available to the user or for use
by the E7 or E8. If address breaks are set as being used by the E7 or E8, the address break
control registers must not be accessed.
6. When the E7 or E8 is used,
NMI is an input/output pin (open-drain in output mode), P85 and
P87 are input pins, and P86 is an output pin.
7. In on-board programming mode by boot mode, channel 1 (P21/RXD and P22/TXD) for SCI3
is used.
Related Manuals:
The latest versions of all related manuals are available from our web site.
Please ensure you have the latest versions of all documents you require.
http://www.renesas.com/
H8/36057 Group and H8/36037 Group manuals:
Document Title
Document No.
H8/36057 Group, H8/36037 Group Hardware Manual
This manual
H8/300H Series Software Manual
REJ09B0213
User's manuals for development tools:
Document Title
Document No.
H8S, H8/300 Series C/C++ Compiler, Assembler, Optimizing Linkage Editor
User's Manual
REJ10B0058
H8S, H8/300 Series Simulator/Debugger User's Manual
REJ10B0211
H8S, H8/300 Series High-Performance Embedded Workshop 3 Tutorial
REJ10B0024
H8S, H8/300 Series High-Performance Embedded Workshop 3 User's Manual REJ10B0026



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com