Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 100 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 100 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 96Page - Renesas Technology Corp HD64F36034 Datasheet HTML 97Page - Renesas Technology Corp HD64F36034 Datasheet HTML 98Page - Renesas Technology Corp HD64F36034 Datasheet HTML 99Page - Renesas Technology Corp HD64F36034 Datasheet HTML 100Page - Renesas Technology Corp HD64F36034 Datasheet HTML 101Page - Renesas Technology Corp HD64F36034 Datasheet HTML 102Page - Renesas Technology Corp HD64F36034 Datasheet HTML 103Page - Renesas Technology Corp HD64F36034 Datasheet HTML 104Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 592 page
background image
Section 4 Address Break
Rev. 4.00 Mar. 15, 2006 Page 68 of 556
REJ09B0026-0400
4.1
Register Descriptions
The address break has the following registers.
• Address break control register (ABRKCR)
• Address break status register (ABRKSR)
• Break address register (BARH, BARL)
• Break data register (BDRH, BDRL)
4.1.1
Address Break Control Register (ABRKCR)
ABRKCR sets address break conditions.
Bit
Bit Name
Initial
Value
R/W
Description
7
RTINTE
1
R/W
RTE Interrupt Enable
When this bit is 0, the interrupt immediately after
executing RTE is masked and then one instruction must
be executed. When this bit is 1, the interrupt is not
masked.
6
5
CSEL1
CSEL0
0
0
R/W
R/W
Condition Select 1 and 0
These bits set address break conditions.
00: Instruction execution cycle
01: CPU data read cycle
10: CPU data write cycle
11: CPU data read/write cycle
4
3
2
ACMP2
ACMP1
ACMP0
0
0
0
R/W
R/W
R/W
Address Compare Condition Select 2 to 0
These bits set the comparison condition between the
address set in BAR and the internal address bus.
000: Compares 16-bit addresses
001: Compares upper 12-bit addresses
010: Compares upper 8-bit addresses
011: Compares upper 4-bit addresses
1XX: Reserved (setting prohibited)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com