Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 99Page - Renesas Technology Corp HD64F36034 Datasheet HTML 100Page - Renesas Technology Corp HD64F36034 Datasheet HTML 101Page - Renesas Technology Corp HD64F36034 Datasheet HTML 102Page - Renesas Technology Corp HD64F36034 Datasheet HTML 103Page - Renesas Technology Corp HD64F36034 Datasheet HTML 104Page - Renesas Technology Corp HD64F36034 Datasheet HTML 105Page - Renesas Technology Corp HD64F36034 Datasheet HTML 106Page - Renesas Technology Corp HD64F36034 Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 592 page
background image
Section 4 Address Break
Rev. 4.00 Mar. 15, 2006 Page 71 of 556
REJ09B0026-0400
4.2
Operation
When the ABIF and ABIE bits in ABRKSR are set to 1, the address break function generates an
interrupt request to the CPU. The ABIF bit in ABRKSR is set to 1 by the combination of the
address set in BAR, the data set in BDR, and the conditions set in ABRKCR. When the interrupt
request is accepted, interrupt exception handling starts after the instruction being executed ends.
The address break interrupt is not masked by the I bit in CCR of the CPU.
Figures 4.2 show the operation examples of the address break interrupt setting.
NOP
instruc-
tion
prefetch
Register setting
• ABRKCR = H'80
• BAR = H'025A
Program
0258
025A
025C
0260
0262
:
*
NOP
NOP
MOV.W @H'025A,R0
NOP
NOP
:
0258
Address
bus
φ
Interrupt
request
025A
025C
025E
SP-2
SP-4
NOP
instruc-
tion
prefetch
MOV
instruc-
tion 1
prefetch
MOV
instruc-
tion 2
prefetch
Internal
processing
Stack save
Interrupt acceptance
Underline indicates the address
to be stacked.
When the address break is specified in instruction execution cycle
Figure 4.2 Address Break Interrupt Operation Example (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com