Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 78Page - Renesas Technology Corp HD64F36034 Datasheet HTML 79Page - Renesas Technology Corp HD64F36034 Datasheet HTML 80Page - Renesas Technology Corp HD64F36034 Datasheet HTML 81Page - Renesas Technology Corp HD64F36034 Datasheet HTML 82Page - Renesas Technology Corp HD64F36034 Datasheet HTML 83Page - Renesas Technology Corp HD64F36034 Datasheet HTML 84Page - Renesas Technology Corp HD64F36034 Datasheet HTML 85Page - Renesas Technology Corp HD64F36034 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 592 page
background image
Section 3 Exception Handling
Rev. 4.00 Mar. 15, 2006 Page 50 of 556
REJ09B0026-0400
3.1
Exception Sources and Vector Address
Table 3.1 shows the vector addresses and priority of each exception handling. When more than
one interrupt is requested, handling is performed from the interrupt with the highest priority.
Table 3.1
Exception Sources and Vector Address
Relative Module
Exception Sources
Vector
Number
Vector Address
Priority
RES pin
Watchdog timer
Reset
0
H'0000 to H'0001
High
Reserved for system use
1 to 6
H'0002 to H'000D
External interrupt
pin
NMI
7
H'000E to H'000F
CPU
Trap instruction
(#0)
8
H'0010 to H'0011
(#1)
9
H'0012 to H'0013
(#2)
10
H'0014 to H'0015
(#3)
11
H'0016 to H'0017
Address break
Break conditions satisfied
12
H'0018 to H'0019
CPU
Direct transition by executing the
SLEEP instruction
13
H'001A to H'001B
External interrupt
pin
IRQ0
Low-voltage detection interrupt*
1
14
H'001C to H'001D
IRQ1
15
H'001E to H'001F
IRQ2
16
H'0020 to H'0021
IRQ3
17
H'0022 to H'0023
WKP
18
H'0024 to H'0025
Reserved for system use
19
H'0026 to H'0027
20
H'0028 to H'0029
Timer V
Timer V compare match A
Timer V compare match B
Timer V overflow
22
H'002C to H'002D
SCI3
SCI3 receive data full
SCI3 transmit data empty
SCI3 transmit end
SCI3 receive error
23
H'002E to H'002F
Reserved for system use
24
H'0030 to H'0031
A/D converter
A/D conversion end
25
H'0032 to H'0033
Low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com