Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 34Page - Renesas Technology Corp HD64F36034 Datasheet HTML 35Page - Renesas Technology Corp HD64F36034 Datasheet HTML 36Page - Renesas Technology Corp HD64F36034 Datasheet HTML 37Page - Renesas Technology Corp HD64F36034 Datasheet HTML 38Page - Renesas Technology Corp HD64F36034 Datasheet HTML 39Page - Renesas Technology Corp HD64F36034 Datasheet HTML 40Page - Renesas Technology Corp HD64F36034 Datasheet HTML 41Page - Renesas Technology Corp HD64F36034 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 592 page
background image
Section 1 Overview
Rev. 4.00 Mar. 15, 2006 Page 6 of 556
REJ09B0026-0400
Pin No.
Type
Symbol
FP-64K
FP-64A
I/O
Functions
Timer Z
FTIOA0
36
I/O
Output compare output/input capture
input/external clock input pin.
FTIOB0
34
I/O
Output compare output/input capture
input/PWM output pin.
FTIOC0
33
I/O
Output compare output/input capture
input/PWM sync output pin (at a reset,
complementary PWM mode).
FTIOD0
32
I/O
Output compare output/input capture
input/PWM output pin.
FTIOA1
37
I/O
Output compare output/input capture
input/PWM output pin (at a reset,
complementary PWM mode).
FTIOB1 to
FTIOD1
38 to 40
I/O
Output compare output/input capture
input/PWM output pins.
TXD,
TXD_2*
46, 50
Output
Transmit data output pins.
Serial com-
munication
interface
(SCI)
RXD,
RXD_2*
45, 49
Input
Receive data input pins.
SCK3,
SCK3_2*
44, 48
I/O
Clock I/O pins.
HRXD
17
Input
Receive data input pin.
Controller
area network
for Tiny
(TinyCAN)
HTXD
18
Output
Transmit data output pin.
SCS
58
I/O
Chip select I/O pin.
SSCK
57
I/O
Clock I/O pin.
Synchronous
serial comm-
unication unit
(SSU)
SSI
55
I/O
Transmit/receive data I/O pin.
SSO
56
I/O
Transmit/receive data I/O pin.
A/D
converter
AN7 to AN0 2, 1,
59 to 64
Input
Analog input pins.
ADTRG
22
Input
Conversion start trigger input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com