Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 155Page - Renesas Technology Corp HD64F36034 Datasheet HTML 156Page - Renesas Technology Corp HD64F36034 Datasheet HTML 157Page - Renesas Technology Corp HD64F36034 Datasheet HTML 158Page - Renesas Technology Corp HD64F36034 Datasheet HTML 159Page - Renesas Technology Corp HD64F36034 Datasheet HTML 160Page - Renesas Technology Corp HD64F36034 Datasheet HTML 161Page - Renesas Technology Corp HD64F36034 Datasheet HTML 162Page - Renesas Technology Corp HD64F36034 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 592 page
background image
Section 9 I/O Ports
Rev. 4.00 Mar. 15, 2006 Page 127 of 556
REJ09B0026-0400
9.4.2
Port Data Register 6 (PDR6)
PDR6 is a general I/O port data register of port 6.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
5
4
3
2
1
0
P67
P66
P65
P64
P63
P62
P61
P60
0
0
0
0
0
0
0
0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Stores output data for port 6 pins.
If PDR6 is read while PCR6 bits are set to 1, the value
stored in PDR6 are read. If PDR6 is read while PCR6 bits
are cleared to 0, the pin states are read regardless of the
value stored in PDR6.
9.4.3
Pin Functions
The correspondence between the register specification and the port functions is shown below.
• P67/FTIOD1 pin
Register
TOER
TFCR
TPMR
TIORC1
PCR6
Bit Name
ED1
CMD1,
CMD0
PWMD1
IOD2 to
IOD0
PCR67
Pin Function
Setting Value 1
00
0
0
P67 input/FTIOD1 input pin
000 or
1XX
1
P67 output pin
0
00
0
001 or
01X
X
FTIOD1 output pin
1
XXX
Other than
00
X
XXX
[Legend]
X: Don't care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com