Electronic Components Datasheet Search
  English  ▼

X  

HD64F36034 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # HD64F36034
Description  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
PDF  592 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F36034 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button HD64F36034 Datasheet HTML 269Page - Renesas Technology Corp HD64F36034 Datasheet HTML 270Page - Renesas Technology Corp HD64F36034 Datasheet HTML 271Page - Renesas Technology Corp HD64F36034 Datasheet HTML 272Page - Renesas Technology Corp HD64F36034 Datasheet HTML 273Page - Renesas Technology Corp HD64F36034 Datasheet HTML 274Page - Renesas Technology Corp HD64F36034 Datasheet HTML 275Page - Renesas Technology Corp HD64F36034 Datasheet HTML 276Page - Renesas Technology Corp HD64F36034 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 592 page
background image
Section 12 Timer Z
Rev. 4.00 Mar. 15, 2006 Page 241 of 556
REJ09B0026-0400
Contention between GR Write and Input Capture: If an input capture signal is generated in the
T
2 state of a GR write cycle, the input capture operation has priority and the write to GR is not
performed. Figure 12.58 shows the timing in this case.
T1
T2
TCNT
N
GR write cycle
GR address
Input capture
signal
WGR
(internal write signal)
Address bus
GR write data
GR
M
φ
Figure 12.58 Contention between GR Write and Input Capture
Notes on Setting Reset Synchronous PWM Mode/Complementary PWM Mode: When bits
CMD1 and CMD0 in TFCR are set, note the following:
1. Write bits CMD1 and CMD0 while TCNT_1 and TCNT_0 are halted.
2. Changing the settings of reset synchronous PWM mode to complementary PWM mode or vice
versa is disabled. Set reset synchronous PWM mode or complementary PWM mode after the
normal operation (bits CMD1 and CMD0 are cleared to 0) has been set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com